Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1721 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1721
Description  2-Wire Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1721 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1721 Datasheet HTML 1Page - Dallas Semiconductor DS1721 Datasheet HTML 2Page - Dallas Semiconductor DS1721 Datasheet HTML 3Page - Dallas Semiconductor DS1721 Datasheet HTML 4Page - Dallas Semiconductor DS1721 Datasheet HTML 5Page - Dallas Semiconductor DS1721 Datasheet HTML 6Page - Dallas Semiconductor DS1721 Datasheet HTML 7Page - Dallas Semiconductor DS1721 Datasheet HTML 8Page - Dallas Semiconductor DS1721 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
111999
FEATURES
Temperature measurements require no
external components with ±1°C accuracy
Measures temperatures from -55°C to
+125°C; Fahrenheit equivalent is -67°F to
+257°F
Temperature resolution is configurable from 9
to 12 (default) bits (0.5°C to 0.0625°C
resolution)
Maximum conversion time (9-bit resolution)
of 150 ms
Thermostatic settings are user-definable
Data is read/written via a 2-wire serial
interface (open drain I/O lines); 3-bit
addressability
Wide power supply range (2.7V - 5.5V)
Applications include personal computers,
cellular telephones, office equipment, or any
thermally sensitive system
8-pin, 150-mil SOIC package and 8-pin µSOP
package
PIN ASSIGNMENT
PIN DESCRIPTION
SDA
- 2-Wire Serial Data Input/Output
SCL
- 2-Wire Serial Clock
GND
- Ground
TOUT
- Thermostat Output Signal
A0
- Chip Address Input
A1
- Chip Address Input
A2
- Chip Address Input
VDD
- Power Supply Voltage (+5V)
DESCRIPTION
The DS1721 2-Wire Digital Thermometer and Thermostat provides 12-bit temperature readings which
indicate the temperature of the device. Thermostatic settings and temperature readings are all
communicated to/from the DS1721 over a simple 2-wire serial interface. No additional components are
required; the device is truly a “temperature-to-digital” converter.
The DS1721 has three address bits that allow a user to multidrop up to eight sensors along the 2-wire bus,
greatly simplifying the bussing of distributed temperature sensing networks.
The thermal alarm output, TOUT, is active when the temperature of the device exceeds a user-defined
temperature TH. The output remains active until the temperature is equal to or below the user-defined
temperature TL, allowing for any hysteresis necessary. The active state of TOUT is configurable by the
user.
For applications that require faster conversion times, the user can adjust the readout resolution from 12 to
9 bits, effectively reducing the conversion time from 1.2 s (MAX) to 150 ms (MAX). This is particularly
useful in applications where temperature changes large magnitudes very rapidly.
Applications for DS1721 include personal computers/services, cellular telephones, office equipment, or
any microprocessor-based, thermally sensitive system.
DS1721
2-Wire Digital Thermometer
and Thermostat
www.dalsemi.com
18
27
36
45
*
DS1721U
8-PIN µ-SOP
VDD
A0
A1
A2
SDA
SCL
TOUT
GND
1
8
2
7
3
6
4
5
DS1721S
8-Pin SOIC (150-mil)
SDA
SCL
TOUT
GND
VDD
A0
A1
A2


Similar Part No. - DS1721

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1721 MAXIM-DS1721 Datasheet
263Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
DS1721S MAXIM-DS1721S Datasheet
269Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
DS1721S MAXIM-DS1721S Datasheet
263Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
DS1721S+ MAXIM-DS1721S+ Datasheet
263Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
DS1721S+T&R MAXIM-DS1721S+T&R Datasheet
263Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
More results

Similar Description - DS1721

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS1721U MAXIM-DS1721U Datasheet
269Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
DS1721 MAXIM-DS1721 Datasheet
263Kb / 17P
2-Wire Digital Thermometer and Thermostat
110405
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com