Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1721 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1721
Description  2-Wire Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1721 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1721 Datasheet HTML 1Page - Dallas Semiconductor DS1721 Datasheet HTML 2Page - Dallas Semiconductor DS1721 Datasheet HTML 3Page - Dallas Semiconductor DS1721 Datasheet HTML 4Page - Dallas Semiconductor DS1721 Datasheet HTML 5Page - Dallas Semiconductor DS1721 Datasheet HTML 6Page - Dallas Semiconductor DS1721 Datasheet HTML 7Page - Dallas Semiconductor DS1721 Datasheet HTML 8Page - Dallas Semiconductor DS1721 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS1721
2 of 16
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1SDA
Data input/output pin. For 2-wire serial communication port.
2SCL
Clock input/output pin. For 2-wire serial communication port.
3TOUT
Thermostat output. Active when temperature exceeds TH; will reset when
temperature falls below TL.
4
GND
Ground pin.
5A2
Address input pin.
6A1
Address input pin.
7A0
Address input pin.
8VDD
Supply Voltage. 2.7V to 5.5V input power pin.
OVERVIEW
A block diagram of the DS1721 is shown in Figure 1.
The DS1721 consists of five major components:
1. Precision temperature sensor
2. Analog-to-digital converter
3. 2-wire interface electronics
4. Data registers
5. Thermostat comparator
The factory-calibrated temperature sensor requires no external components. Upon power-up, the DS1721
is in an idle mode. Upon issuance of a Start Convert T command [51h], the DS1721 begins temperature
conversions with the default resolution of 12 bits (0.0625°C resolution). Following an 8-bit command
protocol, temperature data can be read over the 2-wire interface. The host can periodically read the value
in the temperature register, which contains the last completed conversion. As conversions are performed
in the background, reading the temperature register does not affect the conversion in progress.
In power-sensitive applications, the user can put the DS1721 in a “one-shot” mode, under which the
sensor will complete and store one temperature conversion and return to a low-power standby state. In
time-sensitive applications, the user can change the conversion resolution from 12 bits to 9, 10, or 11.
Each additional bit of resolution approximately doubles the conversion time, so 9-bit conversions can be
performed in less than a quarter of a second.
This is accomplished by issuing a command protocol to the configuration register. It is recommended that
the user issue the command protocol to program the configuration register before any temperature
conversion commands are issued after power-up. This is due to the fact that the configuration data is
stored in volatile memory and will always power-up in the default state. The configuration register
defines the conversion mode, thermometer resolution/conversion time, and active state of the thermostat
comparator output. It also contains 3 status bits denoting the state of temperature conversions and
thermostat flags.
The user can also program over-temperature (TH) and under-temperature (TL) setpoints for thermostatic
operation. The power-up state of TH is 80°C and that for TL is 75°C. The result of each temperature
conversion is compared with these setpoints. The thermostat output (TOUT) becomes active when the
measured temperature exceeds the programmed TH, and remains latched in the active state until



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com