Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1809 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1809
Description  Dallastat, 64-position linear taper
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1809 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1809 Datasheet HTML 1Page - Dallas Semiconductor DS1809 Datasheet HTML 2Page - Dallas Semiconductor DS1809 Datasheet HTML 3Page - Dallas Semiconductor DS1809 Datasheet HTML 4Page - Dallas Semiconductor DS1809 Datasheet HTML 5Page - Dallas Semiconductor DS1809 Datasheet HTML 6Page - Dallas Semiconductor DS1809 Datasheet HTML 7Page - Dallas Semiconductor DS1809 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1809
101999
6 of 8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
-40°C to +85°C; industrial
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
5.5
V
1
Resistor Inputs
RL,RH,RW
GND-0.5
VCC+0.5
V
2
GND
GND
GND
GND
1
DC ELECTRICAL CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current Active
ICC
500
1000
µA
5
Standby Current
ISTBY
25
µA
6
Logic Input High
VIH
+2.0
VCC+0.5
V
6,11
Logic Input Low
VIL
-0.5
+0.8
+0.6
V
6,11
Input Leakage
IIL
-1
+1
µA
3
Wiper resistance
RWIPER
400
O
Wiper Current
IW
1
mA
Storage Pin Current (STR)
ISP
5
8
µA
12,18
Wiper Storage Time
tWST
4
ms
19



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com