Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1809 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1809
Description  Dallastat, 64-position linear taper
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1809 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1809 Datasheet HTML 1Page - Dallas Semiconductor DS1809 Datasheet HTML 2Page - Dallas Semiconductor DS1809 Datasheet HTML 3Page - Dallas Semiconductor DS1809 Datasheet HTML 4Page - Dallas Semiconductor DS1809 Datasheet HTML 5Page - Dallas Semiconductor DS1809 Datasheet HTML 6Page - Dallas Semiconductor DS1809 Datasheet HTML 7Page - Dallas Semiconductor DS1809 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
101999
FEATURES
§ 64-position linear taper
§ Two nonvolatile wiper storage options
§ Operates from +2.7 to +5.5-volt supplies
§ Operating Temperature Range:
- Industrial: -40
°C to +85°C
§ Electronic interface provides either digital or
pushbutton control
§ Low-cost alternative to mechanical solutions
§ Standard Resistance Values
- DS1809-010
10 k
Ω
- DS1809-050
50 k
Ω
- DS1809-100
100 k
Ω
PIN DESCIPTION
VCC
- Supply Voltage
RH
- High End of Resistor
RL
- Low End of Resistor
RW
- Wiper Terminal
UC
- Up Control Input
DC
- Down Control Input
STR
- Storage Enable Input
GND
- Ground
PIN ASSIGNMENT
DESCRIPTION
The DS1809 Dallastat is a nonvolatile digitally controlled potentiometer that provides 64 uniform wiper
positions over the entire resistor range; including the high-end and low-end terminals of the device. The
DS1809 is a low power, low voltage device capable of operating from power supplies of +2.7V to +5.5V.
The device is ideal for low-power, portable, or battery powered applications.
Wiper position is maintained in the absence of power. This is accomplished via the use of an EEPROM
cell array. The device provides for two storage methods, which include an auto-store capability and a
command-initiated storage function. The EEPROM cell array is specified to accept greater than 50k
writes. Storage of the wiper position is discussed in the Wiper Storage section of this datasheet.
Wiper positioning is controlled via a patented dual pushbutton (or contact closure) interface. For simple
pushbutton-controlled applications or CPU-generated control signals, external debounce circuitry is not
needed. The control interface will support both repetitive pulse inputs and continuous pulse (“push-and-
hold”) inputs. Repetitive pulse and continuous pulse control as well as timing diagrams are discussed in
the section entitled “OPERATION.”
DS1809
Dallastat
www.dalsemi.com
RH
1
8
VCC
UC
2
7
DC
STR
3
6
RW
RL
4
5
GND
8-Pin DIP
8-Pin SOIC (150-mil)
8-Pin µSOP (118-mil)


Similar Part No. - DS1809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1809 MAXIM-DS1809 Datasheet
142Kb / 10P
64-Position Linear Taper
Rev 4/14
DS1809Z MAXIM-DS1809Z Datasheet
142Kb / 10P
64-Position Linear Taper
Rev 4/14
More results

Similar Description - DS1809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
DS1809Z MAXIM-DS1809Z Datasheet
142Kb / 10P
64-Position Linear Taper
Rev 4/14
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
Four linear-taper digitally programmable potentiometers
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
Linear Position Sensor
logo
Panasonic Semiconductor
EVAW7 PANASONIC-EVAW7 Datasheet
110Kb / 3P
Linear Position Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com