Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1809 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1809
Description  Dallastat, 64-position linear taper
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1809 Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1809 Datasheet HTML 1Page - Dallas Semiconductor DS1809 Datasheet HTML 2Page - Dallas Semiconductor DS1809 Datasheet HTML 3Page - Dallas Semiconductor DS1809 Datasheet HTML 4Page - Dallas Semiconductor DS1809 Datasheet HTML 5Page - Dallas Semiconductor DS1809 Datasheet HTML 6Page - Dallas Semiconductor DS1809 Datasheet HTML 7Page - Dallas Semiconductor DS1809 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DS1809
101999
7 of 8
AC ELECTRICAL CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Single Input Pulse Width
tPW
1
DC
ms
4,5,7,9
Repetitive Pulse High Time
tHPW
1
DC
ms
4,5,7,8,9
Continuous Pulse
tCCP
1
DC
ms
4,5,7,8,9
Storage Control Pulse
tSTR
1
µs
10,12
Capacitance
CIN
5
10
pF
10
ANALOG RESISTOR CHARACTERISTICS ELECTRICAL CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End-to-End Resistor
Tolerance
-20
+20
%
14
Absolute Linearity
-0.6
+0.6
LSB
15
Relative Linearity
-0.25
+0.25
LSB
16
-3 dB Cutoff Frequency
fCUTOFF
MHz
17
Temperature Coefficient
750
ppm/ºC
14
NOTES:
1. All voltages are referenced with respect to ground.
2. Voltages across the potentiometer terminals (RL, RW, RH) cannot exceed VCC or go below ground by
0.5V.
3. Inputs UC and DC are internally pulled-up with resistance of 100 k
Ω .
4. UC and DC inputs are internally pulled-up to VCC via a 100 k
Ω resistor.
5. Active current is specified when the inputs UC or DC are active.
6. Standby current is the current consumed when the UC, DC, and STR inputs are inactive.
7. Input pulse width is the minimum time required for an input to cause an increment or decrement.
8. Repetitive pulse inputs on UC or DC will be recognized as long as they are within 500 milliseconds
of each other. Pulses occurring faster than 1 ms apart may not be recognized as individual and
separate pulses.
9. Input pulse timing has tolerances to ±10%.
10. Capacitance values apply at 25°C.
11. For VCC = 5V±10%, maximum VIL =+0.8V. For VCC = 3.0V±10%, maximum VIL =0.6V. Input logic
levels are referenced to ground.
12. If not used STR should be connected to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com