Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2176 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2176
Description  T1 Receive Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2176 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2176 Datasheet HTML 1Page - Dallas Semiconductor DS2176 Datasheet HTML 2Page - Dallas Semiconductor DS2176 Datasheet HTML 3Page - Dallas Semiconductor DS2176 Datasheet HTML 4Page - Dallas Semiconductor DS2176 Datasheet HTML 5Page - Dallas Semiconductor DS2176 Datasheet HTML 6Page - Dallas Semiconductor DS2176 Datasheet HTML 7Page - Dallas Semiconductor DS2176 Datasheet HTML 8Page - Dallas Semiconductor DS2176 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
091599
FEATURES
§ Synchronizes loop–timed and system–timed
T1 data streams
§ Two–frame buffer depth; slips occur on frame
boundaries
§ Output indicates when slip occurs
§ Buffer may be recentered externally
§ Ideal for 1.544 to 2.048 MHz rate conversion
§ Interfaces to parallel or serial backplanes
§ Extracts and buffers robbed–bit signaling
§ Inhibits signaling updates during alarm or slip
conditions
§ Integration feature “debounces” signaling
§ Slip–compensated output indicates when
signaling updates occur
§ Compatible with DS2180A T1 Transceiver
§ Surface mount package available, designated
DS2176Q
§
Industrial temperature range of –40°C to
+85°C available, designated DS2176N
PIN ASSIGNMENT
DESCRIPTION
The DS2176 is a low–power CMOS device specifically designed for synchronizing receive side loop–
timed T–carrier data streams with system side timing. The device has several flexible operating modes
which simplify interfacing incoming data to parallel and serial TDM backplanes. The device extracts,
buffers and integrates ABCD signaling; signaling updates are prohibited during alarm or slip conditions.
The buffer replaces extensive hardware in existing applications with one “skinny” 24–lead package.
Application areas include digital trunks, drop and insert equipment, transcoders, digital cross–connects
(DACS), private network equipment and PABX–to–computer interfaces such as DMI and CPI.
DS2176
T1 Receive Buffer
www.dalsemi.com
23
RCLK
A
C
D
SCHCLK
SM0
SM1
VSS
VDD
SCKLSEL
SYCLK
SSER
SLIP
SBIT8
SMSYNC
SIGFRZ
SFSYNC
ALN
FMS
S/P
1
2
3
4
5
6
7
8
9
10
11
12
24
22
21
20
19
18
17
16
15
14
13
RMSYN
RSER
B
SIGH
24-PIN 300 MIL DIP
28-PIN PLCC
A
B
NC
NC
C
D
SSER
SLIP
SBIT8
NC
NC
SMSYNC
SCHCLK
SIGFRZ
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1
28
27
26
12
13 14
15
16
17
18


Similar Part No. - DS2176

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2176 MAXIM-DS2176 Datasheet
297Kb / 15P
T1 Receive Buffer
091599
More results

Similar Description - DS2176

ManufacturerPart #DatasheetDescription
logo
Level One
LXT304A LVL1-LXT304A Datasheet
347Kb / 18P
Low-Power T1/E1 Short-Haul Transceiver with Receive JA
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
SCHOTT CORPORATION
22137 SCHOTT-22137 Datasheet
17Kb / 1P
XFMR RECEIVE, T1/CEPT
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
M/A-COM Technology Solu...
MAIA-009579 MA-COM-MAIA-009579_15 Datasheet
1Mb / 14P
Receive Module
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
3.125 Gbps LVDS Buffer with Receive Equalization
logo
Maxim Integrated Produc...
DS2176 MAXIM-DS2176 Datasheet
297Kb / 15P
T1 Receive Buffer
091599
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com