Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2176 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2176
Description  T1 Receive Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2176 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2176 Datasheet HTML 1Page - Dallas Semiconductor DS2176 Datasheet HTML 2Page - Dallas Semiconductor DS2176 Datasheet HTML 3Page - Dallas Semiconductor DS2176 Datasheet HTML 4Page - Dallas Semiconductor DS2176 Datasheet HTML 5Page - Dallas Semiconductor DS2176 Datasheet HTML 6Page - Dallas Semiconductor DS2176 Datasheet HTML 7Page - Dallas Semiconductor DS2176 Datasheet HTML 8Page - Dallas Semiconductor DS2176 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS2176
3 of 15
PIN DESCRIPTION Table 1
PIN
SYMBOL
TYPE
DESCRIPTION
1
SIGN
I
Signaling Inhibit. When low, ABCD signaling updates are disabled for
a period determined by SM0 and SM1, or until returned high.
2
RMSYNC
I
Receive Multifram Sync. Must be pulsed high at multiframe
boundaries to establish frame and multiframe alignment.
3
RCLK
I
Receive Clock. Primary 1.544 MHz clock.
4
RSER
I
Receive Serial Data. Sampled on Falling edge of RCLK.
5
6
7
8
A
B
C
D
O
Robbed-Bit Signaling Outputs.
9
SCHCLK
O
System Channel Clock. Transitions high on channel boundaries; useful
for serial to parallel conversion of channel data.
10
11
SM0
SM1
I
Signaling Modes 0 and 1. Select signaling supervision technique.
12
VSS
–
Signal Ground. 0.0 volts.
13
S/ P
I
Serial/Parallel Select. Tie to VSS for parallel backplane applications, to
VDD for serial.
14
FMS
I
Frame Mode Select. Tie to VSS to select 193S(D4) framing to VDD for
193E (extended).
15
ALN
I
Align. Recenters buffer on next system side frame boundary when
forced low.
16
SFSYNC
I
System Frame Sync. Rising edge establishes start of frame.
17
SIGFRZ
O
Signaling Freeze. When high, indicates signaling updates have been
disabled internally via a slip or externally by forcing SIGH low.
18
SMSYNC
O
System Multiframe Sync. Slip-compensated multiframe output;
indicates when signaling updates are made.
19
SBIT8
O
System Bit 8. High during the LSB time of each channel. Used to
reinsert extracted signaling into outgoing data stream.
20
SLIP
O
Frame Slip. Active low, open collector output. Held low for 65
SYSCLK cycles when a slip occurs.
21
SSER
O
System Serial Out. Updated on rising edge of SYSCLK.
22
SYSCLK
I
System Clock. 1.544 or 2.048 MHz data clock.
23
SCLKSEL
I
System Clock Select. Tie to VSS for 1.544 MHz applications, to VDD for
2.048 MHz.
24
VDD
–
Positive Supply. 5.0 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com