Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2176 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2176
Description  T1 Receive Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2176 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2176 Datasheet HTML 1Page - Dallas Semiconductor DS2176 Datasheet HTML 2Page - Dallas Semiconductor DS2176 Datasheet HTML 3Page - Dallas Semiconductor DS2176 Datasheet HTML 4Page - Dallas Semiconductor DS2176 Datasheet HTML 5Page - Dallas Semiconductor DS2176 Datasheet HTML 6Page - Dallas Semiconductor DS2176 Datasheet HTML 7Page - Dallas Semiconductor DS2176 Datasheet HTML 8Page - Dallas Semiconductor DS2176 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS2176
5 of 15
passed through the receive buffer and presented at SSER immediately after the rising edge of the system
side frame sync. The F–bit is dropped in 2.048 MHz applications and the MSB of channel 1 appears at
SSER one bit period after a rising edge at SFSYNC. SSER is forced to 1 in all channels greater than 24.
See Figures 3 and 4.
In 2.048 MHz applications (SCLKSEL=1), the PCM buffer control logic establishes slip criteria different
from that used in 1.544 MHz applications to compensate for the faster system-side read frequency.
PARALLEL COMPATIBILITY
The DS2176 is compatible with parallel and serial back-planes. Channel 1 data appears at SSER after a
rising edge at SFSYNC as shown in Figures 3 and 4 (serial applications, S/ P =1). The device utilizes a
look–ahead circuit in parallel applications (S/ P =0). Data is output 8 clocks earlier, allowing the user to
convert parallel data eternally.
SYSTEM MULTIFRAME BOUNDARY TIMING (SYSCLK = 1.544 MHz) Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com