Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSL088A Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NSSL088A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSL088A Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NSSL088A Datasheet HTML 9Page - NICHIA CORPORATION NSSL088A Datasheet HTML 10Page - NICHIA CORPORATION NSSL088A Datasheet HTML 11Page - NICHIA CORPORATION NSSL088A Datasheet HTML 12Page - NICHIA CORPORATION NSSL088A Datasheet HTML 13Page - NICHIA CORPORATION NSSL088A Datasheet HTML 14Page - NICHIA CORPORATION NSSL088A Datasheet HTML 15Page - NICHIA CORPORATION NSSL088A Datasheet HTML 16Page - NICHIA CORPORATION NSSL088A Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NICHIA STS-DA1-2410A <Cat.No.130826>
12
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
管理番号
No.
NSSL088A
STS-DA7-2709
Taxy
0.37
0.38
0.39
0.40
0.41
0.38
0.39
0.40
0.41
0.42
-40°C
0°C
25°C
50°C
110°C
x
Ifxy
0.37
0.38
0.39
0.40
0.41
0.38
0.39
0.40
0.41
0.42
1mA
5mA
20mA
35mA
100mA
x
20mA
IFP=
周囲温度-色度特性
Ambient Temperature vs
Chromaticity Coordinate
順電流-色度特性
Forward Current vs
Chromaticity Coordinate
T
A=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com