Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSL088A Datasheet(PDF) 14 Page - NICHIA CORPORATION

Part # NSSL088A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSL088A Datasheet(HTML) 14 Page - NICHIA CORPORATION

Back Button NSSL088A Datasheet HTML 9Page - NICHIA CORPORATION NSSL088A Datasheet HTML 10Page - NICHIA CORPORATION NSSL088A Datasheet HTML 11Page - NICHIA CORPORATION NSSL088A Datasheet HTML 12Page - NICHIA CORPORATION NSSL088A Datasheet HTML 13Page - NICHIA CORPORATION NSSL088A Datasheet HTML 14Page - NICHIA CORPORATION NSSL088A Datasheet HTML 15Page - NICHIA CORPORATION NSSL088A Datasheet HTML 16Page - NICHIA CORPORATION NSSL088A Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NICHIA STS-DA1-2410A <Cat.No.130826>
13
RELIABILITY
(1) Tests and Results
Test
Reference
Standard
Test Conditions
Test
Duration
Failure
Criteria
#
Units
Failed/Tested
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C, 10sec, 2reflows,
Precondition: 30°C, 70%RH, 168hr
#1
0/22
Solderability
(Reflow Soldering)
JEITA ED-4701
303 303A
Tsld=245±5°C, 5sec,
Lead-free Solder(Sn-3.0Ag-0.5Cu)
#3
0/22
Thermal Shock
JEITA ED-4701
300 307
-40°C to 110°C, 1min dwell,
10sec transfer,
Precondition: 30°C, 70%RH, 168hr
100cycles
#1
0/100
Temperature Cycle
JEITA ED-4701
100 105
-40°C(30min)~25°C(5min)~
110°C(30min)~25°C(5min)
100cycles
#1
0/100
Moisture Resistance
(Cyclic)
JEITA ED-4701
200 203
25°C~65°C~-10°C, 90%RH,
24hr per cycle
10cycles
#1
0/100
High Temperature
Storage
JEITA ED-4701
200 201
TA=110°C
1000hours
#1
0/100
Temperature Humidity
Storage
JEITA ED-4701
100 103
TA=60°C, RH=90%
1000hours
#1
0/100
Low Temperature
Storage
JEITA ED-4701
200 202
TA=-40°C
1000hours
#1
0/100
Room Temperature
Operating Life
TA=25°C, IF=35mA
1000hours
#2
0/100
High Temperature
Operating Life
TA=85°C, IF=25mA
1000hours
#2
0/100
Temperature Humidity
Operating Life
60°C, RH=90%, IF=20mA
1000hours
#2
0/100
Low Temperature
Operating Life
TA=-40°C, IF=20mA
1000hours
#2
0/100
Permanence of Marking
JEITA ED-4701
500 501
Isopropyl Alcohol, 23±5°C,
Dipping Time: 5min
1time
#1
0/22
Vibration
JEITA ED-4701
400 403
200m/s2, 100~2000~100Hz,
4cycles, 4min, each X, Y, Z
48minutes
#1
0/10
Free Fall
3drops from a height of 75cm
#1
0/10
Electrostatic Discharges
JEITA ED-4701
300 304
HBM, 2kV, 1.5kΩ, 100pF, 3pulses,
alternately positive or negative
#1
0/22
NOTES:
Measurements are performed after allowing the LEDs to return to room temperature.
(2) Failure Criteria
Criteria #
Items
Conditions
Failure Criteria
Forward Voltage(VF)
IF=20mA
>U.S.L.×1.1
#1
Luminous Intensity(IV)
IF=20mA
<L.S.L.×0.7
Forward Voltage(VF)
IF=20mA
>U.S.L.×1.1
#2
Luminous Intensity(IV)
IF=20mA
<L.S.L.×0.5
#3
Solderability
-
Less than 95% solder coverage
U.S.L. : Upper Specification Limit
L.S.L. : Lower Specification Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com