Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSL088A Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSSL088A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSL088A Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSSL088A Datasheet HTML 1Page - NICHIA CORPORATION NSSL088A Datasheet HTML 2Page - NICHIA CORPORATION NSSL088A Datasheet HTML 3Page - NICHIA CORPORATION NSSL088A Datasheet HTML 4Page - NICHIA CORPORATION NSSL088A Datasheet HTML 5Page - NICHIA CORPORATION NSSL088A Datasheet HTML 6Page - NICHIA CORPORATION NSSL088A Datasheet HTML 7Page - NICHIA CORPORATION NSSL088A Datasheet HTML 8Page - NICHIA CORPORATION NSSL088A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-2410A <Cat.No.130826>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.8
3.5
V
V2
1.72
2.00
V1
1.44
1.72
U2
1.20
1.44
U1
1.00
1.20
Luminous Intensity
T2
0.86
1.00
cd
Color Ranks
Rank d1
x
0.3575
0.3610
0.3780
0.3988
0.3897
0.3720
y
0.3612
0.3850
0.3970
0.4116
0.3823
0.3714
Rank d2
x
0.3545
0.3575
0.3720
0.3897
0.3822
0.3667
y
0.3408
0.3612
0.3714
0.3823
0.3580
0.3484
Rank e1
x
0.3897
0.3988
0.4162
0.4390
0.4255
0.4053
y
0.3823
0.4116
0.4200
0.4310
0.4000
0.3907
Rank e2
x
0.3822
0.3897
0.4053
0.4255
0.4129
0.3954
y
0.3580
0.3823
0.3907
0.4000
0.3725
0.3642
Rank f3
Rank f4
x
0.4255
0.4390
0.4680
0.4519
x
0.4519
0.4680
0.4970
0.4770
y
0.4000
0.4310
0.4385
0.4086
y
0.4086
0.4385
0.4466
0.4137
Rank f5
Rank f6
x
0.4129
0.4255
0.4519
0.4355
x
0.4355
0.4519
0.4770
0.4588
y
0.3725
0.4000
0.4086
0.3785
y
0.3785
0.4086
0.4137
0.3838
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±3%
* Luminous Intensity Tolerance: ±10%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Intensity Ranks by Color Rank
Ranking by
Luminous Intensity
Ranking by
Color Coordinates
T2
U1
U2
V1
V2
d1,d2,e1,e2
f3,f4,f5,f6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com