Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSLT02A Datasheet(PDF) 17 Page - NICHIA CORPORATION

Part # NSSLT02A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSLT02A Datasheet(HTML) 17 Page - NICHIA CORPORATION

Back Button NSSLT02A Datasheet HTML 9Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 10Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 11Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 12Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 13Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 14Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 15Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 16Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
NICHIA STS-DA1-2922E <Cat.No.140408>
16
(6) Thermal Management
● Proper thermal management is an important when designing products with LEDs. LED die temperature is affected
by PCB thermal resistance and LED spacing on the board. Please design products in a way that the LED die temperature
does not exceed the maximum Junction Temperature (TJ).
● Drive current should be determined for the surrounding ambient temperature (TA) to dissipate the heat from the product.
● The following equations can be used to calculate the junction temperature of the products.
1) TJ=TA+RθJA・W
2) TJ=TS+RθJS・W
*TJ=LED junction temperature: °C
TA=Ambient temperature: °C
TS=Soldering temperature (cathode side): °C
RθJA=Thermal resistance from junction to ambient: °C/W
RθJS=Thermal resistance from junction to TS measuring point: °C/W
W=Input power(IF×VF): W
Ts Point
(7) Cleaning
● When washing after soldering is needed, following conditions are requested.
a) Washing solvent: Pure Water
b) Temperature, time: 50°C or less×30seconds max. or 30°C or less×3 minutes max.
c) Ultrasonic washing: 300W or less
(8) Eye Safety
● In 2006, the International Electrical Commission (IEC) published IEC 62471:2006 Photobiological safety of lamps
and lamp systems, which added LEDs in its scope.
On the other hand, the IEC 60825-1:2007 laser safety standard removed LEDs from its scope.
However, please be advised that some countries and regions have adopted standards
based on the IEC laser safety standard IEC 60825-1:20112001, which still includes LEDs in its scope.
Most of Nichia's LEDs can be classified as belonging into either the Exempt Group or Risk Group 1.
High-power LEDs, that emit light containing blue wavelengths, may be classified as Risk Group 2.
Please proceed with caution when viewing directly any LEDs driven at high current, or viewing LEDs
with optical instruments which may greatly increase the damages to your eyes.
● Viewing a flashing light may cause eye discomfort. When incorporating the LED into your product,
please be careful to avoid adverse effects on the human body caused by light stimulation.
(9) Others
● The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment,
communications equipment, measurement instruments and household appliances).
Consult Nichia's sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or
health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control system, automobiles,
traffic control equipment, life support systems and safety devices).
● The customer shall not reverse engineer by disassembling or analysis of the LEDs without having prior written consent
from Nichia. When defective LEDs are found, the customer shall inform Nichia directly before disassembling or analysis.
● The specifications and appearance of this product may change without notice;
Nichia does not guarantee the contents of this specification. Both the customer and Nichia
will agree on the official specifications of supplied products before the volume production of a program begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com