Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSLT02A Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSSLT02A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSLT02A Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSSLT02A Datasheet HTML 1Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 2Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 3Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 4Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 5Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 6Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 7Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 8Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NICHIA STS-DA1-2922E <Cat.No.140408>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
130
mA
Pulse Forward Current
IFP
150
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
442
mW
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
120
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=65mA
3.04
-
V
Reverse Current
IR
VR=5V
-
-
µA
Luminous Flux
Φv
IF=65mA
24.5
-
lm
Luminous Intensity
Iv
IF=65mA
2.35
-
cd
R8000
R80
Color Rendering Index
Ra
IF=65mA
85
-
-
x
-
IF=65mA
0.415
-
-
Chromaticity Coordinate
y
-
IF=65mA
0.402
-
-
Thermal Resistance
RθJS
-
40
65
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is Thermal Resistance from junction to TS measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com