Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSLT02A Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSSLT02A
Description  SPECIFICATIONS FOR WARM WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSLT02A Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSSLT02A Datasheet HTML 1Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 2Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 3Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 4Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 5Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 6Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 7Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 8Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-2922E <Cat.No.140408>
2
RANKS
Item
Rank
Min
Max
Unit
V
3.0
3.2
Forward Voltage
Q
2.8
3.0
V
Reverse Current
-
-
50
µA
P10
25.5
30.3
P9
21.4
25.5
P8
18.0
21.4
Luminous Flux
P7
15.1
18.0
lm
Ra
80
-
-
R8000
R9
0
-
-
Color Rendering Index
R80
Ra
80
-
-
Color Ranks(3-step)
Rank sm273d
Rank sm303d
Rank sm353d
Rank sm403d
Rank sm453d
x
0.463
0.440
0.415
0.392
0.369
Center Point
y
0.418
0.413
0.402
0.392
0.378
Color Ranks(5-step)
Rank sm275d
Rank sm305d
Rank sm355d
Rank sm405d
Rank sm455d
x
0.463
0.440
0.415
0.392
0.369
Center Point
y
0.418
0.413
0.402
0.392
0.378
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank(sm273d,sm303d,sm353d,sm403d,sm453d) has a chromaticity range within a 3-step MacAdam ellipse.
* The color rank(sm275d,sm305d,sm355d,sm405d,sm455d) has a chromaticity range within a 5-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
P7
P8
P9
P10
sm273d
R8000
sm303d,sm353d,
sm403d,sm453d,
R8000
sm275d
R80
sm305d,sm355d,
sm405d,sm455d
R80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com