Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM422 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # USB-COM422
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM422 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button USB-COM422 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 11Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 12Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 13Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 14Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
10
Document Reference No.: FT_000135
USB-COM422-PLUS2 Datasheet
Version 1.2
Clearance No.: FTDI#103
Figure 2.7 - COM Port and USB Device name Assignment
To determine which COM port has been assigned to Converter A or B, the cursor point to the USB Serial
Port (COM10) or (COM11), then right-click on it and select “Properties”, it shows their relationship to the
Converter A or B.
In the figure below, the Converter A is assigned to COM10, Converter B is assigned to COM11.
Figure 2.8 - COM Port Assignment and Proterties
Use this COM port number with your application software in order to access the USB-COM422-PLUS2.
If an application requires use of a different COM port number, the assignment may be changed through
the Advanced Driver Options settings.
From the above “Properties”, click on the “Port Settings” tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com