Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM422 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # USB-COM422
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM422 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  USB-COM422 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
2
Document Reference No.: FT_000135
USB-COM422-PLUS2 Datasheet
Version 1.2
Clearance No.: FTDI#103
1.2 LED Description
The USB-COM422-Plus2 uses five LEDs to indicate a valid link as well as data traffic according to the
following table:
LED Colour
Function
Description
Yellow x 1
Power
ON when USB-COM-Plus is configured and ready
Red x 2
TxD Activity
Flashes when data is transmitted from the USB-COM422-Plus2 to the
attached RS422 device
Green x 2
RxD Activity
Flashes when data is transmitted from the attached RS422 device to the
USB-COM422-Plus2
Table 1.1 – LED Description
1.3 Block Diagram
FTDI FT2232H
Hi-Speed USB Serial
Bridge
RS422
Level Shifter
USB B
Client
Connector
DE-9P
Connector
RS422
Level Shifter
DE-9P
Connector
Channel A
Channel B
Figure 1.2 USB-COM422-PLUS2 Block Diagram
1.3.1 Block description
USB B Client Connector
This connector provides the interface for connection to a USB Host or Hub port. The maximum cable
length is 5 meters, according to the USB 2.0 specification.
FTDI FT2232H
FT2232H Hi-Speed USB2.0 (480Mb/s) is a dual serial UART interface IC device. Operating system device
drivers are required in order to work with the one to provide the Virtual COM Port serial functionality.
Dual RS422 Level Shifter
The RS422 level shifter converts the signals provided by the FT2232H into the voltage levels required by
RS422 devices.
Dual DE-9P Connector (Male)
The DE-9P connector is configured in an industry standard (TIA/EIA-574) pin-out to provide connection to
RS422 peripherals through standard cables. See section 3.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com