Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM422 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # USB-COM422
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM422 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button USB-COM422 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB-COM422 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000135
USB-COM422-PLUS2 Datasheet
Version 1.2
Clearance No.: FTDI#103
2 Installation
2.1 Example Applications and Configurations
2.1.1 Wiring
Insert the A-plug into an available USB Host or Hub port. Insert the mini-B-plug into the USB mini-B-
receptacle on the USB-COM422-PLUS2.
The USB-COM422-Plus2 follows EIA-422 standard as a Data Terminal Equipment (DTE) device. If the
RS422 equipment being connected is a Data Communication Equipment (DCE) device, it’s typical that a
straight-through cable can be used.
DTE Pin Number
Signal Name
Expected Connect Signal
1
TXD- = Transmit Data,
negative polarity
RXD-
2
TXD+ = Transmit Data,
positive polarity
RXD+
3
RXD+ = Receive Data,
positive polarity
TXD+
4
RXD- = Receive Data,
negative polarity
TXD-
5
GND = signal ground
GND
6
RTS- = Request To Send,
negative polarity
CTS-
7
RTS+ = Request To Send,
positive polarity
CTS+
8
CTS+ = Clear To Send,
positive polarity
RTS+
9
CTS- = Clear To Send,
negative polarity
RTS-
Table 2.1 – RS422 DTE to DCE connection with straight-through cable
Some serial devices may require certain handshake signals to be connected. Refer to your device manual
for cabling details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com