Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS56
Description  Dual Temperature Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS56 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS56 Datasheet HTML 1Page - Dallas Semiconductor DS56 Datasheet HTML 2Page - Dallas Semiconductor DS56 Datasheet HTML 3Page - Dallas Semiconductor DS56 Datasheet HTML 4Page - Dallas Semiconductor DS56 Datasheet HTML 5Page - Dallas Semiconductor DS56 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS56
2 of 6
102299
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
TYPE
DESCRIPTION
1
VREF
Analog output
Bandgap output 1.25V (nom) voltage reference output.
2
VT2
Analog input
Trip point 2 input associated with thermostat output 2.
3
VT1
Analog input
Trip point 1 input associated with thermostat output 1.
4
GND
GND
Ground pin.
5
VTEMP
Analog output
Temperature sensor output. (+6.2 TDegC + 395) mV.
6
TOUT2
Digital output
(open-drain)
Thermostat output 2. Active low output corresponding to trip
point 2. Typical hysteresis is 5.0°C.
7
TOUT1
Digital output
(open-drain)
Thermostat output 1. Active low output corresponding to trip
point 1. Typical hysteresis is 5.0°C.
8
VDD
VDD
Supply Voltage 2.7V - 5.5V input power pin.
DS56 FUNCTIONAL BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com