Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS56
Description  Dual Temperature Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS56 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS56 Datasheet HTML 1Page - Dallas Semiconductor DS56 Datasheet HTML 2Page - Dallas Semiconductor DS56 Datasheet HTML 3Page - Dallas Semiconductor DS56 Datasheet HTML 4Page - Dallas Semiconductor DS56 Datasheet HTML 5Page - Dallas Semiconductor DS56 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS56
4 of 6
102299
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD
(GND-0.3V) to +7.0V
Input Current at any pin
5.0 mA
Package Input Current
20 mA
Operating Temperature
-40°C to +125°C
Storage Temperature
-55°C to 150°C
ESD Susceptibility (Human Body Model)
1kV
Soldering Temperature (Note 2)
215°C for 60 seconds (Vapor Phase)
220°C for 15 seconds (IR)
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS56 is built to the highest quality standards and manufactured for long-term
reliability. All Dallas Semiconductor devices are made using the same quality materials and
manufacturing methods. However, the DS56 is not exposed to environmental stresses, such as burn-in,
that some industrial applications require. For specific reliability information on this product, please
contact the factory in Dallas at (972) 371-4448.
RECOMMENDED DC OPERATING CONDITIONS:
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.5
V
1
DC ELECTRICAL CHARACTERISTICS:
Power Supply (Note 3)
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
225
µA
DC ELECTRICAL CHARACTERISTICS:
Temperature Sensor (Note 3)
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
-40°C
≤T
A
≤125°C
±3
Trip Point
Accuracy
TPERR
0°C
≤T
A
≤85°C
±2
°C
4
-40°C
≤T
A
≤125°C
±3
VTEMP Accuracy
TERR
0°C
≤T
A
≤85°C
±2
°C
5
VTEMP DC Offset
T=0°C
395
mV
Sensor Gain
? V/? T
6.25
mV/°C
Trip Point
Hysteresis
TPHYST
3.0
5.0
7.0
°C
2.7V
≤V
DD
≤3.3V
±2.3
mV
Power Supply
Regulation
3.0V
≤V
DD
≤5.5V
±0.3
mV/V
VTEMP Output
Impedance
1500
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com