Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS56 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS56
Description  Dual Temperature Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS56 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS56 Datasheet HTML 1Page - Dallas Semiconductor DS56 Datasheet HTML 2Page - Dallas Semiconductor DS56 Datasheet HTML 3Page - Dallas Semiconductor DS56 Datasheet HTML 4Page - Dallas Semiconductor DS56 Datasheet HTML 5Page - Dallas Semiconductor DS56 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
102299
FEATURES
§ Factory calibrated for sensitivity of +6.20
mV/°C and thermometer accuracy of ±2.0°C
over the 0°C to 85°C range and ±3°C over the
40°C to 0°C and +85°C to +125°C range
§ Measurement range of -40°C to +125°C
§ Integrated temperature sensor and voltage
reference
§ Two independent temperature setpoints with
respective logic outputs with set hysteresis
§ Narrow-body SO8 (150-mil) package
§ Wide power supply range (2.7V
≤V
DD
≤
5.5V)
§ Functionally compatible with LM56xIM
§ Applications include monitoring disk drives,
printers, office equipment, HVAC,
appliances, or any power/cost/temperature-
sensitive environments.
PIN ASSIGNMENT
PIN DESCRIPTION
VREF
- Bandgap Voltage Reference
Output
VT2
- Temperature Trip Point 2
VT1
- Temperature Trip Point 1
GND
- Ground
VTEMP
- Temp Sensor Output Voltage
TOUT2
- Thermostat output for Trip
Point 2
TOUT1
- Thermostat output for Trip
Point 1
VDD
- Power Supply Voltage (2.7V
to 5.5V)
DESCRIPTION
The DS56 Dual Temperature Comparator has two independent open-drain thermostat outputs and
respective trip point inputs. The trip points are set with external resistors that divide down the 1.25V
internal bandgap voltage reference. The voltage resulting from this resistive division is compared with the
voltage corresponding to the device’s junction temperature to define the thermostat output logic state. The
internal temperature sensor has a typical sensitivity of +6.2mV/°C and DC offset of +395 mV at 0°C.
Both thermostat outputs have 5°C of hysteresis.
For applications that require temperature measurement as well as control, the temperature sensor voltage
is brought out to a pin.
The DS56 is packaged in a compact 150-mil, 8-pin SOIC. Applications include disk drives, printers,
office equipment, HVAC, appliances, or any power/cost/temperature-sensitive environments.
DS56
Dual Temperature Comparator
PRELIMINARY
www.dalsemi.com
1
2
3
4
8
7
6
5
VDD
TOUT1
TOUT2
VTEMP
VREF
VT2
VT1
GND
DS56S 8-Pin SOIC (150-mil)


Similar Part No. - DS56

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS56 LUMILEDS-DS56 Datasheet
1Mb / 33P
ultra-compact, surface-mount, high-power LED
logo
Maxim Integrated Produc...
DS56 MAXIM-DS56 Datasheet
82Kb / 6P
Dual Temperature Comparator
102299
logo
Tyco Electronics
DS56-0001 MACOM-DS56-0001 Datasheet
113Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS56-0001 MA-COM-DS56-0001 Datasheet
88Kb / 4P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
logo
Tyco Electronics
DS56-0001-RTR MACOM-DS56-0001-RTR Datasheet
113Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
More results

Similar Description - DS56

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
Dual Comparator
logo
fujitsu semiconductor
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
DUAL COMPARATOR
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
DUAL COMPARATOR
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
Dual Comparator
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
Dual Comparator
logo
Maxim Integrated Produc...
DS56 MAXIM-DS56 Datasheet
82Kb / 6P
Dual Temperature Comparator
102299
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com