Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3357 Datasheet(PDF) 3 Page - NEC

Part # 2SC3357
Description  NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3357 Datasheet(HTML) 3 Page - NEC

  2SC3357 Datasheet HTML 1Page - NEC 2SC3357 Datasheet HTML 2Page - NEC 2SC3357 Datasheet HTML 3Page - NEC 2SC3357 Datasheet HTML 4Page - NEC 2SC3357 Datasheet HTML 5Page - NEC 2SC3357 Datasheet HTML 6Page - NEC 2SC3357 Datasheet HTML 7Page - NEC 2SC3357 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC3357
10
20
50
100
200
1
5
10
50
0.5
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 10 V
0
5
10
15
0.5
1
5
10
50 70
IC-Collector Current-mA
INSERTION GAIN vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.0 GHz
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
0
0.5
10
10
5.0
30
IC-Collector Current-mA
GAIN BANDWIDTH PROUDCT vs.
COLLECTOR CURRENT
VCE = 10 V
0
10
20
0.1
0.2
0.4
0.6 0.8 1.0
f-Frequency-GHz
INSERTION GAIN, MAXIMUM GAIN
vs. FREQUENCY
VCE = 10 V
IC = 20 mA
Gmax
|S21e|2
INTERMODULATION DISTORTION vs.
COLLECTOR CURRENT
IM3
IM2
−30
−40
−50
−60
−70
−80
20
30
IC-Collector Current-mA
40
60
50
70
VCE = 10 V
V0 = 100 dB V/50
Ω
Rg = Re = 50
Ω
at
µ
IM2
IM3
f = 90 + 100 MHz
f = 2
× 200 − 190 MHz
0
2
5
4
3
7
6
0.5
1
5
10
50 70
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com