Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3357 Datasheet(PDF) 2 Page - NEC

Part # 2SC3357
Description  NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3357 Datasheet(HTML) 2 Page - NEC

  2SC3357 Datasheet HTML 1Page - NEC 2SC3357 Datasheet HTML 2Page - NEC 2SC3357 Datasheet HTML 3Page - NEC 2SC3357 Datasheet HTML 4Page - NEC 2SC3357 Datasheet HTML 5Page - NEC 2SC3357 Datasheet HTML 6Page - NEC 2SC3357 Datasheet HTML 7Page - NEC 2SC3357 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC3357
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
µA
VCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
µA
VEB = 1.0 V, IC = 0
DC Current Gain
hFE*
50
120
300
VCE = 10 V, IC = 20 mA
Gain Bandwidth Product
fT
6.5
GHz
VCE = 10 V, IC = 20 mA
Feed-Back Capacitance
Cre**
0.65
1.0
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e2
9dB
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
Noise Figure
NF
1.1
dB
VCE = 10 V, IC = 7 mA, f = 1.0 GHz
Noise Figure
NF
1.8
3.0
dB
VCE = 10 V, IC = 40 mA, f = 1.0 GHz
*
Pulse Measurement PW
≤ 350
µs, Duty Cycle ≤ 2 %
** The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitnace bridge.
hFE Classification
Class
RH
RF
RE
Marking
RH
RF
RE
hFE
50 to 100
80 to 160
125 to 250
TYPICAL CHARACTERISTICS (TA = 25
°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
2.0
1.0
0
50
100
150
TA-Ambient Temperature-
°C
0.3
0.5
1
2
0
0.5
1
2
5
10
20
30
VCB-Collector to Base Voltage-V
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
f = 1.0 MHz
Free Air
Rth(j-a) 312.5 ˚C/W
Ceramic Substrate
16 cm2
× 0.7 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com