Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3357 Datasheet(PDF) 4 Page - NEC

Part # 2SC3357
Description  NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3357 Datasheet(HTML) 4 Page - NEC

  2SC3357 Datasheet HTML 1Page - NEC 2SC3357 Datasheet HTML 2Page - NEC 2SC3357 Datasheet HTML 3Page - NEC 2SC3357 Datasheet HTML 4Page - NEC 2SC3357 Datasheet HTML 5Page - NEC 2SC3357 Datasheet HTML 6Page - NEC 2SC3357 Datasheet HTML 7Page - NEC 2SC3357 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC3357
S-PARAMETER
VCE = 10 V, IC = 40 mA, ZO = 50
Ω
f (MHz)
S11∠ S11
S21∠ S21
S12∠ S12
S22∠ S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.196
0.103
0.056
0.024
0.008
0.039
0.072
0.102
0.129
0.151
−94.4
−118.3
−131.1
−43.7
−2.0
13.1
11.8
9.6
8.6
9.8
13.023
6.852
4.632
3.527
2.854
2.421
2.118
1.887
1.681
1.579
102.4
89.2
78.3
75.9
68.7
65.7
59.0
57.1
52.5
51.4
0.043
0.081
0.118
0.152
0.188
0.218
0.255
0.278
0.308
0.339
74.5
77.4
77.5
78.0
78.4
75.7
71.7
73.1
71.3
71.8
0.444
0.398
0.399
0.414
0.440
0.461
0.479
0.499
0.515
0.537
−21.1
−25.3
−26.9
−28.9
−33.5
−33.3
−36.3
−35.5
−38.8
−35.9
VCE = 10 V, IC = 20 mA, ZO = 50
Ω
f (MHz)
S11∠ S11
S21∠ S21
S12∠ S12
S22∠ S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.130
0.073
0.037
0.010
0.024
0.056
0.093
0.124
0.151
0.174
−109.2
−134.1
−146.6
177.1
23.7
17.2
13.8
12.0
11.0
13.4
13.430
6.930
4.690
3.560
2.878
2.439
2.133
1.898
1.693
1.591
98.1
87.2
79.4
75.2
68.2
65.4
59.0
57.3
52.9
52.0
0.042
0.081
0.119
0.154
0.191
0.220
0.257
0.280
0.311
0.341
79.0
80.6
79.4
79.7
76.5
76.8
72.9
74.0
72.4
72.8
0.403
0.382
0.392
0.412
0.440
0.463
0.483
0.504
0.519
0.542
−22.1
−24.7
−25.6
−27.1
−31.9
−32.3
−35.7
−35.3
−38.4
−36.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com