Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # MP4
Description  12 x 4.5mm Compatible SMD Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

MP4 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  MP4 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
12 x 4.5mm Compatible SMD Crystal
DESCRIPTION
MP4 and MP5 crystals provide clock signals (from 3.2MHz) in a low-
profile SMD package. The part is electrically and mechanically
compatible with traditional industry SMD packages and may be used
as a 'drop-in' replacement.
Low frequencies from 3.5MHz to 70.0MHZ
Fully RoHS compliant
Two height profiles available, 4.8 or 3.8mm
Standard EIA tape and reel supply
OUTLINE & DIMENSIONS
Frequency Range
AT-Cut Fundamental:
3.2MHz to 48.0MHz
AT-Cut 3rd Overtone:
27.0MHz to 70.0MHz
BT-Cut Fundamental:
24.0MHz to 48.0MHz
Calibration Tolerance at 25ºC*:
±5, ±10, ±20 or ±30ppm
at 25°C
Frequency stability:
from ±10ppm over-10° to +60°C
from ±15ppm over -40° to +85°C
Storage Temperature:
-50°~+105°C
Equivalent Series Resistance:
See table
Shunt Capacitance (C0):
7pF maximum
Load Capacitance (CL):
Series or from 8pF to 32pF
(Customer specified CL)
Ageing:
<±3ppm per year at +25°C
Drive level:
100µW maximum
Reflow Soldering:
10s maximum at 260°C twice
or 180s at 230°C, once.
Packaging:
24mm EIA tape and reel, 1k per.
SPECIFICATION
3.2~3.4
300
3.5~6.0
120
6.1~10.0
60
10.1~30.0
40
Frequency
Range MHz
ESR
Ω Max.
EQUIVALENT SERIES RESISTANCE
PART NUMBER GENERATION
Part numbers for MP4 and MP5 crystals are generated as follows:
3.5000MHz MP4 30/50/-10+60/12pF/60R
MP4, MP5 CRYSTALS
AT-Cut Fundamental
27.0~30.0
150
30.1~50.0
100
50.1~70.0
80
Frequency
Range MHz
ESR
Ω Max.
AT-Cut 3rd Overtone
24.0~48.0
40
Frequency
Range MHz
ESR
Ω Max.
BT-Cut Fundamental
MP4 and MP5 crystals are designed for top board assembly and one
solder reflow process. Do not reflow this part with the can inverted.
3.2MHz to 70MHz
Example:
Nominal Frequency
Package MP4 or MP5
Calibration tolerance
at 25°C (±ppm)
Temperature Stability
over temp. range (±ppm)
Operating Temp. Range (°C)
(Lower and upper limits)
Load Capacitance
(Either SR for series or CL in pF)
Equivalent Series Resistance
(Optional - use when special
value is required)
USE WITH DOUBLE-SIDED PCBs


Similar Part No. - MP4

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4 EMERSON-NETWORKPOWER-MP4 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
Micro Switches 16A 125/250VAC
logo
Mercury United Electron...
MP4 MERCURY-MP4 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10C ETC2-MP4-10C Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE4 ABRACON-ASE4 Datasheet
685Kb / 2P
1.5V CMOS COMPATIBLE 3.2 x 2.5 SMD CRYSTAL CLOCK OSCILLATOR
08.15.08
logo
EUROQUARTZ limited
MP43050 EUROQUARTZ-MP43050 Datasheet
115Kb / 1P
12mm x 4.5mm SMD
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Fox Electronics
C2BS FOX-C2BS Datasheet
215Kb / 2P
2.5 x 2.0mm SMD Crystal
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C5AQ FOX-C5AQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal
C8AQ FOX-C8AQ Datasheet
222Kb / 2P
10 x 4.5mm SMD Crystal
logo
Transko Electronics, In...
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
TX-E TRANSKO-TX-E Datasheet
501Kb / 2P
TCXO/VCTCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Rev. 1: Dec. 2014
TX-EI TRANSKO-TX-EI Datasheet
448Kb / 2P
TCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Ver.1: Jan. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com