Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC2006CW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC2006CW
Description  600 V power Schottky silicon carbide diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2006CW Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC2006CW Datasheet HTML 1Page - STMicroelectronics STPSC2006CW Datasheet HTML 2Page - STMicroelectronics STPSC2006CW Datasheet HTML 3Page - STMicroelectronics STPSC2006CW Datasheet HTML 4Page - STMicroelectronics STPSC2006CW Datasheet HTML 5Page - STMicroelectronics STPSC2006CW Datasheet HTML 6Page - STMicroelectronics STPSC2006CW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPSC2006CW
Characteristics
Doc ID 018506 Rev 1
3/7
Figure 1.
Forward voltage drop versus
forward current
(typical values, per diode)
Figure 2.
Reverse leakage current versus
reverse voltage applied
(maximum values, per diode)
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T = 150 °C
j
T = 175 °C
j
T = 25 °C
j
I
(A)
FM
V
(V)
FM
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
50
100 150 200 250 300 350 400 450 500 550 600
T = 150 °C
j
T = 175 °C
j
T = 25 °C
j
I (µA)
R
V (V)
R
Figure 3.
Peak forward current versus case
temperature (per diode)
Figure 4.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
T
δ = t / T
p
t
p
δ = 0.1
δ = 0.5
δ = 1
δ = 0.7
δ = 0.3
I (A)
M
T (°C)
C
0
50
100
150
200
250
300
350
400
450
500
1
10
100
1000
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
RMS
j
C(pF)
V (V)
R
Figure 5.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 6.
Non-repetitive peak surge forward
current versus pulse duration
(sinusoidal waveform, per diode)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
1.E+00
1.E+01
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
I
(A)
FSM
t (s)
p
T = 25 °C
C
T = 125 °C
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com