Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC2006CW Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPSC2006CW
Description  600 V power Schottky silicon carbide diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2006CW Datasheet(HTML) 5 Page - STMicroelectronics

  STPSC2006CW Datasheet HTML 1Page - STMicroelectronics STPSC2006CW Datasheet HTML 2Page - STMicroelectronics STPSC2006CW Datasheet HTML 3Page - STMicroelectronics STPSC2006CW Datasheet HTML 4Page - STMicroelectronics STPSC2006CW Datasheet HTML 5Page - STMicroelectronics STPSC2006CW Datasheet HTML 6Page - STMicroelectronics STPSC2006CW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPSC2006CW
Package information
Doc ID 018506 Rev 1
5/7
2
Package information
●
Epoxy meets UL94, V0
●
Cooling method: convection (C)
●
Recommended torque value: 0.55 to 1.0 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 6.
TO-247 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.85
5.16
0.191
0.203
D
2.20
2.60
0.086
0.102
E
0.40
0.80
0.015
0.031
F
1.00
1.40
0.039
0.055
F1
3.00 typ.
0.118 typ.
F2
2.00 typ.
0.079 typ.
F3
1.90
2.40
0.075
0.094
F4
3.00
3.40
0.118
0.134
G
10.90 typ.
0.429 typ.
H
15.45
16.03
0.608
0.631
L
19.85
21.09
0.781
0.830
L1
3.70
4.30
0.146
0.169
L2
18.30
19.13
0.720
0.753
L3
14.20
20.30
0.559
0.799
L4
34.05
41.38
1.341
1.629
L5
5.35
6.30
0.211
0.248
M
2.00
3.00
0.079
0.118
V
5° typ.
5° typ.
V2
60° typ.
60° typ.
Dia.
3.55
3.65
0.140
0.144
H
L2
L5
L
L4
D
E
M
L1
L3
F2
F3
F4
F1
V2
F(x3)
G
A
V
V
Dia



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com