Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC2006CW Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC2006CW
Description  600 V power Schottky silicon carbide diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2006CW Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC2006CW Datasheet HTML 1Page - STMicroelectronics STPSC2006CW Datasheet HTML 2Page - STMicroelectronics STPSC2006CW Datasheet HTML 3Page - STMicroelectronics STPSC2006CW Datasheet HTML 4Page - STMicroelectronics STPSC2006CW Datasheet HTML 5Page - STMicroelectronics STPSC2006CW Datasheet HTML 6Page - STMicroelectronics STPSC2006CW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPSC2006CW
4/7
Doc ID 018506 Rev 1
Figure 7.
Total capacitive charge versus dIF/dt (typical values, per diode)
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
500
Q (nC)
C
I = 10 A
V = 400 V
T = 150 °C
F
R
j
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com