Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86ADB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 74LVC86ADB
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC86ADB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  74LVC86ADB Datasheet HTML 1Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 2Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 3Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVC86A_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05.00 — 15 May 2006
3 of 15
Philips Semiconductors
74LVC86A
Quad 2-input EXCLUSIVE-OR gate
5.2 Pin description
6. Functional description
[1]
H = HIGH voltage level
L = LOW voltage level.
Table 2:
Pin description
Symbol
Pin
Description
1A
1
data input
1B
2
data input
1Y
3
data output
2A
4
data input
2B
5
data input
2Y
6
data output
GND
7
ground (0 V)
3Y
8
data output
3A
9
data input
3B
10
data input
4Y
11
data output
4A
12
data input
4B
13
data input
VCC
14
supply voltage
Table 3:
Functional table[1]
Input
Output
nA
nB
nY
LLL
LH
H
HL
H
HHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com