Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86ADB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 74LVC86ADB
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC86ADB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  74LVC86ADB Datasheet HTML 1Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 2Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 3Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LVC86A_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05.00 — 15 May 2006
5 of 15
Philips Semiconductors
74LVC86A
Quad 2-input EXCLUSIVE-OR gate
9. Static characteristics
Table 6:
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ[1] Max
Unit
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage VCC = 1.2 V
1.08
-
-
V
VCC = 1.65 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0.12
V
VCC = 1.65 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA; VCC = 1.65 V to 3.6 V
VCC − 0.2
-
-
V
IO = −4mA; VCC = 1.65 V
VCC − 0.45 -
-
V
IO = −8mA; VCC = 2.3 V
VCC − 0.5
-
-
V
IO = −12 mA; VCC = 2.7 V
VCC − 0.5
-
-
V
IO = −18 mA; VCC = 3.0 V
VCC − 0.6
-
-
V
IO = −24 mA; VCC = 3.0 V
VCC − 0.8
-
-
V
VOL
LOW-level output voltage VI =VIH or VIL
IO = 100 µA; VCC = 1.65 V to 3.6 V
-
-
0.2
V
IO =4 mA; VCC = 1.65 V
-
-
0.45
V
IO =8 mA; VCC = 2.3 V
-
-
0.6
V
IO =12 mA; VCC = 2.7 V
-
-
0.4
V
IO =24 mA; VCC = 3.0 V
-
-
0.55
V
II
input leakage current
VCC = 3.6 V; VI =5.5 V orGND
-
±0.1
±5
µA
ICC
supply current
VCC = 3.6 V; VI =VCC or GND; IO =0
-
0.1
10
µA
∆ICC
additional supply current
per input pin
VCC = 2.7 V to 3.6 V; VI =VCC − 0.6 V;
IO =0
-
5
500
µA
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND to VCC
-5.0
-pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage VCC = 1.2 V
1.08
-
-
V
VCC = 1.65 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0.12
V
VCC = 1.65 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com