Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86ADB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 74LVC86ADB
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC86ADB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 74LVC86ADB Datasheet HTML 2Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 3Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 9Page - List of Unclassifed Manufacturers 74LVC86ADB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LVC86A_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05.00 — 15 May 2006
6 of 15
Philips Semiconductors
74LVC86A
Quad 2-input EXCLUSIVE-OR gate
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
10. Dynamic characteristics
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA; VCC = 1.65 V to 3.6 V
VCC − 0.3
-
-
V
IO = −4mA; VCC = 1.65 V
VCC − 0.6
-
-
V
IO = −8mA; VCC = 2.3 V
VCC − 0.65 -
-
V
IO = −12 mA; VCC = 2.7 V
VCC − 0.65 -
-
V
IO = −18 mA; VCC = 3.0 V
VCC − 0.75 -
-
V
IO = −24 mA; VCC = 3.0 V
VCC − 1-
-
V
VOL
LOW-level output voltage VI =VIH or VIL
IO = 100 µA; VCC = 1.65 V to 3.6 V
-
-
0.3
V
IO =4 mA; VCC = 1.65 V
-
-
0.65
V
IO =8 mA; VCC = 2.3 V
-
-
0.8
V
IO =12 mA; VCC = 2.7 V
-
-
0.6
V
IO =24 mA; VCC = 3.0 V
-
-
0.8
V
II
input leakage current
VCC = 3.6 V; VI =5.5 V orGND
-
-
±20
µA
ICC
supply current
VCC = 3.6 V; VI =VCC or GND; IO =0
-
-
40
µA
∆ICC
additional supply current
per input pin
VCC = 2.7 V to 3.6 V; VI =VCC − 0.6 V;
IO =0
-
-
5000
µA
Table 6:
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ[1] Max
Unit
Table 7:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
tPHL, tPLH HIGH to LOW, LOW to HIGH
propagation delay nA, nB to nY
see Figure 6
VCC = 1.2 V
-
11.0
-
ns
VCC = 1.65 V to 1.95 V
0.5
4.1
9.0
ns
VCC = 2.3 V to 2.7 V
0.9
2.4
5.1
ns
VCC = 2.7 V
1.0
2.5
5.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
4.6
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[2] --
1.0
ns
Tamb = −40 °C to +125 °C
tPHL, tPLH HIGH to LOW, LOW to HIGH
propagation delay nA, nB to nY
see Figure 6
VCC = 1.2 V
-
-
-
ns
VCC = 1.65 V
0.5
-
11.5
ns
VCC = 2.3 V to 2.7 V
0.9
-
6.5
ns
VCC = 2.7 V
1.0
-
7.0
ns
VCC = 3.0 V to 3.6 V
1.0
-
6.0
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[2] --
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com