Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100AFP Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MBR20100AFP
Description  20Amp. Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR20100AFP Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MBR20100AFP Datasheet HTML 1Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 2Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 3Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 4Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C457FP
Issued Date : 2008.11.19
Revised Date :2013.12.31
Page No. : 3/5
MBR20100AFP
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
5
10
15
20
25
0
25
50
75
100
125
150
175
Case Temperature---TC(℃)
resistive or inductive load
Maximum Non-Repetitive Forward Surge Current
0
50
100
150
200
1
10
100
Number of Cycles at 60Hz
Tj=150℃, 8.3ms Single
Half Sine Wave, JEDEC
method, Per leg
Forward Current vs Forward Voltage
1
10
100
1000
10000
100000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
Tj=25℃
Tj=150℃
Per leg
Junction Capacitance vs Reverse Voltage
100
1000
0.1
1
10
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Per Leg
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage---(%)
Tj=75℃
Tj=25℃
Tj=125℃
Per leg



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com