Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100AFP Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MBR20100AFP
Description  20Amp. Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR20100AFP Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MBR20100AFP Datasheet HTML 1Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 2Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 3Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 4Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C457FP
Issued Date : 2008.11.19
Revised Date :2013.12.31
Page No. : 1/5
MBR20100AFP
CYStek Product Specification
20Amp. Schottky Barrier Rectifiers
IF(AV)
2 × 10A
MBR20100AFP
VRRM
100V
Tj
175°C
VF
Features
• Low VF and low IR type
• High junction temperature capability
• High current capability
• High surge capability
• Good tradeoff between leakage current and forward voltage drop
• Low power loss, high efficiency
• Insulating package, insulating voltage=2000V DC, capacitance=45pF
• Dual center tap Schottky rectifier designed for high frequency miniature switched mode power supplies
such as adaptors and on board DC/DC converters
• RoHS compliant package
Mechanical Data
• Case: TO-220FP molded plastic
• Mounting Position: Any
• Weight: 2.2 grams, 0.078 ounce approximately
• Terminals: Pure tin plated, lead-free, solderable per MIL-STD-750 method 2026
• Epoxy: UL 94V-0 rate flame retardant
• Lead temperature for soldering purpose : 260℃ max. for 10 seconds
Equivalent Circuit
Outline
TO-220FP
0.67V
A K A
MBR20100AFP


Similar Part No. - MBR20100AFP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBR20100AE3 CYSTEKEC-MBR20100AE3 Datasheet
193Kb / 5P
20Amp. Schottky Barrier Rectifiers
More results

Similar Description - MBR20100AFP

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SS2020 SECOS-SS2020 Datasheet
174Kb / 2P
20AMP Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
20Amp schottky barrier rectifier 20to100 volts
logo
Cystech Electonics Corp...
MBR20100AE3 CYSTEKEC-MBR20100AE3 Datasheet
193Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20100BE3 CYSTEKEC-MBR20100BE3 Datasheet
152Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20150E3 CYSTEKEC-MBR20150E3 Datasheet
243Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20150FP CYSTEKEC-MBR20150FP Datasheet
163Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20200E3 CYSTEKEC-MBR20200E3 Datasheet
160Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20200FP CYSTEKEC-MBR20200FP Datasheet
221Kb / 4P
20Amp. Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR2040D SECOS-MBR2040D Datasheet
185Kb / 2P
20Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com