Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100AFP Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MBR20100AFP
Description  20Amp. Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR20100AFP Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MBR20100AFP Datasheet HTML 1Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 2Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 3Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 4Page - Cystech Electonics Corp. MBR20100AFP Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C457FP
Issued Date : 2008.11.19
Revised Date :2013.12.31
Page No. : 2/5
MBR20100AFP
CYStek Product Specification
Maximum Ratings and Electrical Characteristics (Per Diode Leg)
(Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Parameter
Symbol
Min.
Typ.
Max.
Units
Maximum Recurrent peak reverse voltage
VRRM
100
V
Maximum RMS voltage
VRMS
70
V
Maximum DC blocking voltage
VDC
100
V
IF=10A, TC=25℃
0.85
IF=10A, TC=125℃
0.67
0.75
IF=20 A, TC=25℃
0.95
Maximum instantaneous
forward voltage at
(Note 1)
IF=20A, TC=125℃
VF
0.85
V
Per Diode
10
Maximum Average forward
rectified current @ TC=145℃ Per Device
IF(AV)
20
A
Peak repetitive forward current (Rated VR,
square wave, 20kHz) @TC=135℃
IFRM
20
A
Peak forward surge current @8.3ms single half
sine wave superimposed on rated load (JEDEC
method)
IFSM
150
A
Peak repetitive reverse surge current (Note 1 ), TJ<175℃
IRRM
3.0
A
VR=100 V, TC=25℃
5.0
μA
Maximum instantaneous
reverse current at
VR=100 V, TC=125℃
IR
1.0
mA
Voltage rate of change, (rated VR)
dV/dt
10,000
V/μs
Typical junction capacitance @ f=1MHz and applied
4V reverse voltage
CJ
260
pF
ESD susceptibility (Note 2)
8000
V
Storage temperature range
Tstg
-55
+175
℃
Operating junction temperature range
TJ
-65
+175
℃
Notes : 1. 2.0μs pulse width, f=1.0kHz
2. Human body model, 1.5kΩ in series with 100pF
Thermal Data
Parameter
Symbol
Value
Unit
Maximum Thermal Resistance, Junction-to-case, per diode
Rth,j-c
3.5
°C/W
Lead Temperature for Soldering Purposes : 1/8” from Case for 5seconds
TL
260
°C
Ordering Information
Device
Package
Shipping
MBR20100AFP-0-UB-S
TO-220FP
(RoHS compliant package)
50 pcs / tube, 20 tubes/box, 10 boxes/carton
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, UB : 50 pcs / tube, 20 tubes/box
Product rank, zero for no rank products
Product name



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com