Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4092 Datasheet(PDF) 3 Page - NEC

Part # 2SC4092
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4092 Datasheet(HTML) 3 Page - NEC

  2SC4092 Datasheet HTML 1Page - NEC 2SC4092 Datasheet HTML 2Page - NEC 2SC4092 Datasheet HTML 3Page - NEC 2SC4092 Datasheet HTML 4Page - NEC 2SC4092 Datasheet HTML 5Page - NEC 2SC4092 Datasheet HTML 6Page - NEC 2SC4092 Datasheet HTML 7Page - NEC 2SC4092 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC4092
00
5
10
2
1
5
4
3
7
6
15
310
30
7
IC-Collector Current-mA
NF, Ga vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1 GHz
NF
Ga
S-PARAMETER
VCE = 10 V, IC = 5 mA, ZO = 50
f (MHz)
S11∠ S11
S21∠ S21
S12∠ S12
S22∠ S22
100
200
400
600
800
1000
1200
1400
1600
1800
2000
0.780
0.709
0.567
0.503
0.486
0.488
0.506
0.520
0.528
0.533
0.556
−39.4
−73.6
−114.4
−143.3
−164.3
−179.5
167.5
159.9
149.8
141.8
134.9
13.956
11.808
7.509
5.678
4.155
3.499
2.830
2.588
2.188
2.092
1.794
155.8
130.8
106.5
93.2
80.6
72.3
63.0
55.3
48.5
41.7
36.0
0.027
0.058
0.081
0.093
0.104
0.117
0.129
0.144
0.155
0.173
0.181
62.9
62.3
42.1
39.0
36.8
37.2
36.6
35.9
37.5
35.7
36.1
0.905
0.767
0.542
0.424
0.353
0.301
0.265
0.246
0.217
0.209
0.192
−21.2
−36.3
−50.3
−56.2
−59.3
−63.1
−66.1
−73.4
−79.1
−88.0
−97.8
VCE = 10 V, IC = 5 mA, ZO = 50
f (MHz)
S11∠ S11
S21∠ S21
S12∠ S12
S22∠ S22
100
200
400
600
800
1000
1200
1400
1600
1800
2000
0.534
0.468
0.428
0.435
0.448
0.464
0.480
0.495
0.511
0.517
0.546
−82.1
−121.0
−157.0
−176.6
170.0
161.0
152.1
146.5
138.9
132.7
127.0
25.861
17.231
9.440
6.738
4.823
4.013
3.232
2.945
2.480
2.364
2.024
136.3
110.2
92.4
83.4
73.7
67.2
59.4
52.7
46.9
40.9
35.9
0.021
0.033
0.051
0.069
0.090
0.107
0.127
0.149
0.164
0.187
0.197
34.8
60.5
50.1
57.2
54.6
54.1
53.5
49.6
49.5
45.2
44.3
0.717
0.481
0.297
0.230
0.197
0.164
0.140
0.131
0.104
0.104
0.094
−41.1
−50.5
−57.8
−59.5
−60.9
−66.3
−70.7
−80.5
−91.4
−103.7
−120.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com