Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4092 Datasheet(PDF) 1 Page - NEC

Part # 2SC4092
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4092 Datasheet(HTML) 1 Page - NEC

  2SC4092 Datasheet HTML 1Page - NEC 2SC4092 Datasheet HTML 2Page - NEC 2SC4092 Datasheet HTML 3Page - NEC 2SC4092 Datasheet HTML 4Page - NEC 2SC4092 Datasheet HTML 5Page - NEC 2SC4092 Datasheet HTML 6Page - NEC 2SC4092 Datasheet HTML 7Page - NEC 2SC4092 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SILICON TRANSISTOR
2SC4092
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
4 PINS MINI MOLD
DATA SHEET
Document No. P10363EJ1V1DS00 (1st edition)
Date Published March 1997 N
Printed in Japan
1987
©
DESCRIPTION
The 2SC4092 is an NPN silicon epitaxial transistor designed for low-
noise amplifier at VHF, UHF band.
It is contained in 4 pins mini-mold package which enables high-isolation
gain.
FEATURES
• NF = 1.5 dB TYP. @f = 1.0 GHz, VCE = 10 V, IC = 5 mA
•
S21e2 = 12 dB TYP. @f = 1.0 GHz, VCE = 10 V, IC = 20 mA
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
70
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
µA
VCB = 15 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
µA
VEB = 2.0 V, IC = 0
DC Current Gain
hFE
40
200
VCE = 10 V, IC = 20 mA
Gain Bandwidth Product
fT
6
GHz
VCE = 10 V, IC = 20 mA f = 1.0 GHz
Output Capacitance
Cob
0.55
0.9
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e2
9.5
12
dB
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
Noise Figure
NF
1.5
3.0
dB
VCE = 10 V, IC = 5 mA, f = 1.0 GHz
Maximum Available Gain
MAG
14.5
dB
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
hFE Classification
Class
R4/RD *
R5/RE *
Marking
R4
R5
hFE
40 to 120
100 to 200
* Old Specification / New Specification
PACKAGE DIMENSIONS
(Units: mm)
PIN CONNECTIONS
1.
2.
3.
4.
Collector
Emitter
Base
Emitter
5
°
5
°
5
°
5
°
2.8
+0.2
−0.3
1.5
+0.2
−0.1


Similar Part No. - 2SC4092

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC409 SHINDENGEN-2SC409 Datasheet
39Kb / 1P
POWER TRANSISTOR
logo
NEC
2SC4093 NEC-2SC4093 Datasheet
70Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
NEC
2SC4093-T1 NEC-2SC4093-T1 Datasheet
70Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results

Similar Description - 2SC4092

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4093 NEC-2SC4093 Datasheet
70Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5012 NEC-2SC5012 Datasheet
50Kb / 7P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5014 NEC-2SC5014 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com