Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4092 Datasheet(PDF) 4 Page - NEC

Part # 2SC4092
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4092 Datasheet(HTML) 4 Page - NEC

  2SC4092 Datasheet HTML 1Page - NEC 2SC4092 Datasheet HTML 2Page - NEC 2SC4092 Datasheet HTML 3Page - NEC 2SC4092 Datasheet HTML 4Page - NEC 2SC4092 Datasheet HTML 5Page - NEC 2SC4092 Datasheet HTML 6Page - NEC 2SC4092 Datasheet HTML 7Page - NEC 2SC4092 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC4092
S-PARAMETER
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
20
S11e, S22e-FREQUENCY
S21e-FREQUENCY
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
4
0
8
12
16
20
S21e
0.2 GHz
0.1 GHz
0.1 GHz
2 GHz
2 GHz
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
0.04
0.08
0.12 0.16 0.2
S12e
S12e-FREQUENCY
VCE = 10 V, f = 0.1, 0.2 to 2.0 GHz (Step 200 MHz)
CONDITION
CONDITION VCE = 10 V
CONDITION VCE = 10 V
0.1 GHz
0.1 GHz
0.1 GHz
2 GHz
2 GHz
IC = 20 mA
IC = 20 mA
S22e
S11e
IC = 5 mA
IC = 5 mA
IC = 20 mA
IC = 20 mA
IC = 5 mA
0
IC = 5 mA
0.1 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com