Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4093 Datasheet(PDF) 4 Page - NEC

Part # 2SC4093
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4093 Datasheet(HTML) 4 Page - NEC

  2SC4093 Datasheet HTML 1Page - NEC 2SC4093 Datasheet HTML 2Page - NEC 2SC4093 Datasheet HTML 3Page - NEC 2SC4093 Datasheet HTML 4Page - NEC 2SC4093 Datasheet HTML 5Page - NEC 2SC4093 Datasheet HTML 6Page - NEC 2SC4093 Datasheet HTML 7Page - NEC 2SC4093 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC4093
0
2
1
5
4
3
7
6
0.5
1
5
10
50 70
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.0 GHz
S-PARAMETER
VCE =10 V, IC = 5 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.730
0.583
0.522
0.518
0.519
0.539
0.552
0.555
0.570
0.582
76.5
118.8
146.2
166.5
178.3
166.6
157.4
149.0
140.9
134.0
11.712
7.379
5.551
4.026
3.406
2.744
2.512
2.122
2.028
1.740
129.6
105.6
92.2
80.8
71.9
63.1
55.2
48.5
41.9
36.4
0.048
0.056
0.072
0.072
0.088
0.089
0.106
0.111
0.134
0.135
47.2
43.2
38.6
40.5
40.5
44.3
45.6
44.8
49.3
47.3
0.772
0.600
0.526
0.471
0.441
0.428
0.406
0.388
0.380
0.367
28.1
34.9
37.7
39.8
41.6
45.4
49.4
56.1
61.8
68.0
VCE = 10 V, IC = 20 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.454
0.395
0.384
0.408
0.420
0.442
0.455
0.468
0.486
0.502
114.9
153.0
172.8
173.4
162.6
154.7
147.7
141.2
133.9
128.7
19.635
10.412
7.454
5.318
4.450
3.571
3.253
2.737
2.618
2.237
111.0
93.3
84.4
75.5
68.8
61.4
54.6
49.0
43.0
38.4
0.033
0.041
0.060
0.073
0.094
0.103
0.127
0.137
0.165
0.170
46.1
58.1
55.6
61.1
58.2
58.7
55.3
53.1
52.1
48.4
0.497
0.359
0.315
0.283
0.256
0.247
0.227
0.212
0.198
0.186
42.5
41.2
41.0
42.5
43.2
47.8
53.0
62.2
67.4
75.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com