Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4093 Datasheet(PDF) 5 Page - NEC

Part # 2SC4093
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4093 Datasheet(HTML) 5 Page - NEC

  2SC4093 Datasheet HTML 1Page - NEC 2SC4093 Datasheet HTML 2Page - NEC 2SC4093 Datasheet HTML 3Page - NEC 2SC4093 Datasheet HTML 4Page - NEC 2SC4093 Datasheet HTML 5Page - NEC 2SC4093 Datasheet HTML 6Page - NEC 2SC4093 Datasheet HTML 7Page - NEC 2SC4093 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SC4093
S-PARAMETER
S11e, S22e-FREQUENCY
90
30
−30
60
−60
180
150
−150
120
−120
−90
4
0
8
12
16
20
S21e
IC = 20 mA
IC = 5 mA
2.0 GHz
2.0 GHz
0.2 GHz
VCE = 10 V
freq. = 0.2 to 2 GHz (Step 200 MHz)
S21e-FREQUENCY
VCE = 10 V
freq. = 0.2 to 2 GHz (Step 200 MHz)
0
90
30
−30
60
−60
180
150
−150
120
−120
−90
0.04
0
0.08 0.12 0.16
0.2
S12e
IC = 20 mA
IC = 5 mA
2.0 GHz
0.2 GHz
S12e-FREQUENCY
VCE = 10 V
freq. = 0.2 to 2 GHz (Step 200 MHz)
0
1
5
2
−2
−5
0
0.2
−0.2
0.6
−0.6
−1
S11e
IC = 20 mA
IC = 20 mA
S22e
IC = 5 mA
IC = 5 mA
0.2 GHz
0.2 GHz
2.0 GHz
2.0 GHz
S21
S21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com