Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4093 Datasheet(PDF) 1 Page - NEC

Part # 2SC4093
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4093 Datasheet(HTML) 1 Page - NEC

  2SC4093 Datasheet HTML 1Page - NEC 2SC4093 Datasheet HTML 2Page - NEC 2SC4093 Datasheet HTML 3Page - NEC 2SC4093 Datasheet HTML 4Page - NEC 2SC4093 Datasheet HTML 5Page - NEC 2SC4093 Datasheet HTML 6Page - NEC 2SC4093 Datasheet HTML 7Page - NEC 2SC4093 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC4093
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
4 PINS MINI MOLD
DATA SHEET
Document No. P10365EJ3V1DS00 (3rd edition)
Date Published March 1997 N
Printed in Japan
1991
©
DESCRIPTION
The 2SC4093 is an NPN silicon epitaxial transistor designed for low
noise amplifier at VHF, UHF and CATV band.
It has large dynamic range and good current characteritics, and is
contatined in a 4 pins mini-mold package which enables high-isolation
gain.
FEATURES
• Low Noise
NF = 1.1 dB TYP. @ VCE = 10 V, IC = 7 mA, f = 1.0 GHz
• High Power Gains
S21e2 = 13 dB TYP. @ VCE = 10 V, IC = 20 mA, f = 1.0 GHz
ORDERING INFORMATION
PART
NUMBER
QUANTITY
PACKING STYLE
2SC4093-T1
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin3 (Base), Pin4 (Emitter) face to perforation side
of the tape.
2SC4093-T2
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin1 (Collector), Pin2 (Emitter) face to perforation
side of the tape.
* Please contact with responsible NEC person, if you require evaluation
sample.
Unit sample quantity shall be 50 pcs. (Part No.: 2SC4093)
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
65 to +150
C
PACKAGE DIMENSIONS
(Units: mm)
PIN CONNECTIONS
1.
2.
3.
4.
Collector
Emitter
Base
Emitter
5
°
5
°
5
°
5
°
2.8
+0.2
−0.3
1.5
+0.2
−0.1


Similar Part No. - 2SC4093

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC4093 RENESAS-2SC4093_15 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
More results

Similar Description - 2SC4093

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4187 NEC-2SC4187 Datasheet
43Kb / 6P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4225 NEC-2SC4225 Datasheet
41Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC5192 NEC-2SC5192 Datasheet
68Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC5193 NEC-2SC5193 Datasheet
65Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094_15 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 RENESAS-2SC4095_15 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com