Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SAP51D-A-G1-R Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button SAP51D-A-G1-R Datasheet HTML 21Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 22Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 23Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 24Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 25Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 26Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 27Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 28Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
25 of 62
3.3. Firmware Area Programming
In order to program one of the 5-bit cells of the Firmware Area (address 4…8) a special master call according
to Table 10 must be applied, followed by a DEXG or WPAR call immediately. Write access to the Firmware
Area is possible as long as the Lock_EE_PRG flag is not set. The write procedure is started after receipt of
the DEXG/WPAR call. Finish of write procedure may be observed at the status register S0 as described
above.
The analogue circuitry trim information (address 9…11) can be written by special test mode operation only.
There is no possibility to read out the E²PROM data directly. However, AS-i-related configuration data like
ID_Code may be read by the respective Read_ID_Code master request.
Table 10: SAP5 E²PROM - User and Firmware Area Programming
Internal
E²PROM
Address
E²PROM Cell Content
Programming Master Calls
0
A4 … A0
ADRA Master Call
1
ID1_Bit3 … ID1_Bit0
2
ID1_Bit3 … ID1_Bit0
WID1 Master Call
3
Not implemented
Synchronous_Data_IO
I4
4
ID_Bit3 … ID_Bit0
I3 … I0
Set ID Code (RDIO)
1 + DEXG/WPAR 2
Inhibit_Write_ID1
I4
5
ID2_Bit3 … ID2_Bit0
I3 … I0
Set ID Code 2 (RID1)
1 + DEXG/WPAR 2
P1_Delay_Activation
I4
6
IO_Bit3 … IO_Bit0
I3 … I0
Set IO Config (RDID)
1 + DEXG/WPAR 2
Lock_EE_PRG
I4
Delay_Mode
I3
Invert_Data_In
I2
Inhibit_BR01
I1
7
Inhibit_Watchdog
I0
Set Control Code (RID2)
1 +
DEXG/WPAR
2
P2_Sync_Activation
I4
Ext_Addr_4I/4O_Mode
I3
Parallel_Out_4I/4O
I2
Master_Mode
I1
8
P0_Watchdog_Activation
I0
Set Control Code 2 (RES)
1 +
DEXG/WPAR
2
9
10
11
Analogue circuitry trim information
Accessible by ZMDI only
1 according to Table 7
2 according to Table 6 with information bits corresponding to the left-hand column; DEXG if I4=’0’, WPAR if
I4=‘1’. Note: Differing from regular WPAR/DEXG calls, the slave always returns the received data bits I3…I0.
User Area
Firmware Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com