Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SAP51D-A-G1-R Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button SAP51D-A-G1-R Datasheet HTML 51Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 52Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 53Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 54Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 55Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 56Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 57Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 58Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
55 of 62
4.20. Write Protection of ID_Code_Extension_1
The ID_Code_Extension_1 register of the SAP5 can either be manufacturer configurable or user configurable.
As soon as the Lock_EE_PRG flag is set, access to the ID_Code_Extension_1 is handled as follows:
If the flag Inhibit_Write_ID1 is set (‘1’) in the firmware area of the E²PROM, ID_Code_Extension_1 is
manufacturer configurable (refer to Table 9).
In this case the slave response to a Read_ID_Code_1 (RID1) request is constructed out of the data
stored on the internal E²PROM address 2 in User Area of the E²PROM.
It doesn’t matter which data is stored in the ID_Code_Extension_1 register in E²PROM address 1 in
the User Area. The IC will always respond with the protected manufacturer programmed value.
There is one exception to this principle. If the IC is operated in Extended Address Mode, Bit3 of the
returned slave response is taken from the E²PROM address 1 register in the User Area. This is
because Bit 3 functions as A/B Slave selector bit in this case and must remain user configurable.
To ensure consistency of ID_Code_Extension_1 stored in the data image of Master as well as in the
E²PROM of the slave, the SAP5 will not process a Write_Extended_ID_Code_1 request if the data
sent does not match the data that is stored in protected part of the ID_Code_Extension_1 register. It
will neither access the E²PROM nor send a slave response in this case.
Note: As defined in the AS-i Complete Specification [1] a modification of the A/B Slave selector bit
must be performed bit selective. That means the AS-i Master must read the ID_Code_Extension_1
first, modify Bit3 and send the new 4 bit word that consists of the modified Bit3 and the unmodified
Bits 2…0 back to the slave.
If the Inhibit_Write_ID1 flag is not set (‘0’), ID_Code_Extension_1 is completely user configurable.
The data to construct the slave response to a Read_ID_Code_1 request is completely taken from the
ID_Code_Extension_1 register on E²PROM address 1 in the user area.
A Write_Extended_ID_Code_1 request will always be answered and initiate an E²PROM write access
procedure in this case.
Manufacturer configuration of the ID_Code_Extension_1 register is only possible as long as the
Lock_EE_PRG flag is not yet set. In this case, the Write_Extended_ID_Code_1 request causes a write access
that differs from the procedure described on page 22. Instead of the Security_Flag procedure, the
ID_Code_Extension_1 is written to both E²PROM addresses 1 and 2 in the User Area of the E²PROM. This
way of duplicate saving ensures data consistency even in the case of an accidental interruption of the
E²PROM write process during modification of Bit3 in Extended Address Mode. Refer to Table 40 for an
overview about the different programming and readout options of ID_Code_Extension_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com