Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SAP51D-A-G1-R Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button SAP51D-A-G1-R Datasheet HTML 55Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 56Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 57Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 58Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 59Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 60Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 61Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 62Page - List of Unclassifed Manufacturers SAP51D-A-G1-R Datasheet HTML 63Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
61 of 62
6
Package Marking
PIN 1
TOP VIEW
BOTTOM VIEW
PIN 1
LLLLLL
PPPPP-A ZMDI
D - XXXXYZZ
+
G1
Figure 18: Package Marking 20 pin version
PIN 1
TOP VIEW
BOTTOM VIEW
PIN 1
LLLLLL
+
PPPPP-B ZMDI
D - X XXXYZZ
G1
Figure 19: Package Marking 16 pin version
Top Marking:
PPPPP-A
Product name SOP20 Package
PPPPP-B
Product name SOP16 Package
ZMDI
Manufacturer
D-
Revision code
XXXX
Date code (year and week)
Y
Assembly location
ZZ
Traceability
Bottom Marking:
LLLLLL
ZMDI Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com