Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7001 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZLED7001 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
10 of 15
A group of modules based on the ZLED7001 can be matched in LED brightness using the linear dimming
input with the PWM dimming feature still available for overall brightness control.
If the LD pin is not used, it must be connected to the PWMD pin, which is internally pulled-up. When the LD
pin voltage drops below 50mV, the GATE output is switched off.
2.8.
Temperature Compensation
ZLED7001 provides thermal protection for the connected LEDs. Applying an NTC thermistor close to the LED
string will enable the temperature compensation of the LED current. Refer to the application circuit on page 2.
If the temperature of the LEDs rises, the resistance of the NTC thermistor decreases until the voltage of the
LD pin falls below 240mV. Then the average current is controlled by the LD pin and the temperature
compensation function starts. The upper threshold to start compensation is given by equation (5):


1
R
R
R
V
mV
240
~
V
NTC
NTC
REF
LDH
(5)
Considering the limit for IREF, under all conditions R1 must be selected larger than 2.2kΩ. Assuming a 30%
inductor current ripple, the temperature compensated continuous current can be computed as shown in
equation (6):




1
R
R
R
R
15
.
1
V
I
NTC
NTC
S
REF
OUT
(6)
When the LD pin voltage drops below 50mV (typical), the GATE output is switched off. The transition to
dimming as well as the switch-off is reversible as soon as the respective thresholds are exceeded after the
LED assembly cools. Adding a capacitor C1 from the LD pin to ground will reduce noise on the LD input.
2.9.
Design Example
A common application for an AC-line-powered ZLED7001 is luminants with a string of several LEDs operated
by one driver. For the example, the following constraints are assumed:
Application:
15W LED luminant with 13 HB LEDs in 1 string
AC supply voltage:
VINAC = 230 VAC
Average DC supply voltage:
VINDC ≈ 280 VDC resulting after bridge rectification and filtering with a 10μF
capacitor; power factor correction is not considered.
LED string forward voltage:
ΣVF = 13*3.3V ≈ 43V
LED string average current:
ILED = 350mA
IC Input Resistor (RIN) and Hold Capacitor (CIN):
For a given 2N60 MOSFET and a maximum expected switching frequency of 100kHz, the IC input current will
be

mA
kHz
nC
mA
f
Q
mA
I
S
G
IN
4
.
1
)
100
9
(
5
.
0
5
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com