Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7001 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZLED7001 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
9 of 15
2.4.
Current Sensing
Assuming a 30% current ripple in the inductor, the sense resistor RCS can be calculated as shown in
equation (3):
LED
CSTH
CS
I
15
.
1
V
R
(3)
Where
VCSTH = 240mV (typical)
The current sense input of the ZLED7001 is connected to the non-inverting inputs of two comparators. The
inverting terminal of one comparator is tied to an internal 240mV reference and the inverting terminal of the
other comparator is connected to the LD pin. The outputs of both comparators are fed into an OR gate, and
the output of the OR gate is connected to the reset pin of the flip-flop. Thus, the comparator that has the lower
voltage at the inverting input determines when the GATE output is turned off.
The comparator outputs also include a typical 480ns blanking time that prevents spurious turn-offs of the
external MOSFET due to the turn-on spike normally present as a result of transistor gate-source capacitance.
In rare cases, this internal blanking time might not be enough to filter out the turn-on spike. If so, an external
RC filter must be added between the external sense resistor (RCS) and the CS pin.
Note that the comparators are relatively fast: 80ns typical response time. Invalid triggering by these com-
parators could result if the layout fails to minimize external inductances.
2.5.
Timing Circuit
The timing circuit in the ZLED7001 is controlled by a single capacitor connected from TOFF to ground.
TOFF, the time of the cycle period, is given by equation (4):


pF
10
C
1
ns
510
T
OFF
TIME
_
OFF
(4)
2.6.
PWM Dimming Application Circuit
For PWM dimming applications, the ZLED7001’s PWMD pin is driven with a low-frequency square-wave
control signal. The GATE pin’s driver is enabled when the control signal is high and disabled when the control
signal is low. The LED current’s rise and fall rate is controlled only by the inductance value, the supply
voltage, and LED forward voltage.
If the PWMD pin is allowed to float, the PWM dimming function is disabled.
2.7.
Linear Dimming Application Circuit
For linear dimming applications, an external voltage ranging from 50mV (typical) to 240mV (typical) is applied
to the LD (linear dimming) pin to control the LED current during operation. Linear dimming can be used to
adjust the LED current level to reduce the LED’s brightness. In this case, connect a resistor between the
VREF pin and the LD pin and connect a negative-temperature-coefficient (NTC) thermistor between the LD
pin and ground. The ZLED7001 can also provide temperature compensation, (see the application circuit on
page 2 and section 2.8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com