Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7001 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
13 of 15
4
Pin Configuration and Package
Figure 4.1
Pin Configuration ZLED7001
VIN
TOFF
CS
GATE
GND
LD
PWMD
VREF
Table 4.1
Pin Description SOP-8
Pin Name NO.
Description
VREF
1
1.2V reference voltage. No bypass capacitor needed.
PWMD
2
PWM dimming input. The gate driver operates normally if PWMD is pulled high. The gate driver is
turned off if PWMD is pulled to GND or open.
LD
3
Linear dimming input. If the voltage at LD is < 240mV (typical), LD controls the current sense
threshold. Can also be used as temperature compensation threshold voltage.
GND
4
Internal circuit ground reference. Electrical connection to ground is required.
GATE
5
Output for external N-channel power MOSFET gate driver.
CS
6
Current sense pin that senses the Q1 MOSFET drain current through external resistor RCS. The GATE
output goes low if the voltage at CS > the voltage at the LD pin or the internal 240mV.
TOFF
7
Sets the off-time of the power MOSFET. If left floating, off-time will be 510ns. For increased off-time, a
capacitor must be connected between TOFF and GND.
VIN
8
Supply input of 8V to 450V through a resistor, clamped at 7.1V internally. Low-ESR bypass capacitor
to GND is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com