Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCL015 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDCL015
Description  150 mA capless ultra low drop linear regulator ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDCL015 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDCL015 Datasheet HTML 2Page - STMicroelectronics LDCL015 Datasheet HTML 3Page - STMicroelectronics LDCL015 Datasheet HTML 4Page - STMicroelectronics LDCL015 Datasheet HTML 5Page - STMicroelectronics LDCL015 Datasheet HTML 6Page - STMicroelectronics LDCL015 Datasheet HTML 7Page - STMicroelectronics LDCL015 Datasheet HTML 8Page - STMicroelectronics LDCL015 Datasheet HTML 9Page - STMicroelectronics LDCL015 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Maximum ratings
LDCL015
6/17
DocID022166 Rev 3
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input supply voltage
-0.3 to +7
V
VOUT
Output voltage
-0.3 to VIN +0.3
V
IOUT
Output current
Internally limited
A
EN, ADJ
Enable and feedback pin voltage
-0.3 to +VIN +0.3
V
PD
Power dissipation
Internally limited
W
ESD
Machine model
±300
V
Human body model
±3000
TJ-OP
Operating junction temperature
-40 to 125
°C
TJ-MAX
Maximum junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
81
°C/W
RthJA
Thermal resistance junction-ambient
255
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com