Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCL015 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDCL015
Description  150 mA capless ultra low drop linear regulator ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDCL015 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDCL015 Datasheet HTML 4Page - STMicroelectronics LDCL015 Datasheet HTML 5Page - STMicroelectronics LDCL015 Datasheet HTML 6Page - STMicroelectronics LDCL015 Datasheet HTML 7Page - STMicroelectronics LDCL015 Datasheet HTML 8Page - STMicroelectronics LDCL015 Datasheet HTML 9Page - STMicroelectronics LDCL015 Datasheet HTML 10Page - STMicroelectronics LDCL015 Datasheet HTML 11Page - STMicroelectronics LDCL015 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical performance characteristics
LDCL015
8/17
DocID022166 Rev 3
6
Typical performance characteristics
Figure 5. Output voltage vs. temperature
(VOUT = 3.3 V, IOUT = 1 mA)
Figure 6. Output voltage vs. temperature
(VOUT = 0.8 V, IOUT = 1 mA)
Figure 7. Output voltage vs. temperature
(VOUT = 3.3 V, IOUT = 150 mA)
Figure 8. Output voltage vs. temperature
(VOUT = 0.8 V, IOUT = 1 mA)
Figure 9. Output voltage vs. input voltage (VOUT
= 0.8 V)
Figure 10. Output voltage vs. input voltage
(VOUT = 3.3 V)
3.16
3.18
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
3.42
3.44
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.8 V, IOUT = 1 mA
V
OUT = 3.3 V
0.74
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
0.86
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 2 V, IOUT = 1 mA
V
OUT@0.8 V
3.16
3.18
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
3.42
3.44
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.8 V, IOUT = 150 mA
V
OUT = 3.3 V
0.74
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
0.86
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 2 V, IOUT = 150 mA
V
OUT@0.8 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0123456
VIN [V]
V
EN = VIN; VIN = from 0 V to 5.5 V;
I
OUT = 1 mA; CIN = COUT = 0.1 µF
V
OUT@0.8 V
0
0.5
1
1.5
2
2.5
3
3.5
0123456
VIN [V]
V
OUT = 3.3 V
V
EN = VIN; VIN = from 0 V to 5.5 V;
I
OUT = 1 mA; CIN = COUT = 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com