Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCL015 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDCL015
Description  150 mA capless ultra low drop linear regulator ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDCL015 Datasheet(HTML) 5 Page - STMicroelectronics

  LDCL015 Datasheet HTML 1Page - STMicroelectronics LDCL015 Datasheet HTML 2Page - STMicroelectronics LDCL015 Datasheet HTML 3Page - STMicroelectronics LDCL015 Datasheet HTML 4Page - STMicroelectronics LDCL015 Datasheet HTML 5Page - STMicroelectronics LDCL015 Datasheet HTML 6Page - STMicroelectronics LDCL015 Datasheet HTML 7Page - STMicroelectronics LDCL015 Datasheet HTML 8Page - STMicroelectronics LDCL015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID022166 Rev 3
5/17
LDCL015
Typical application
17
3
Typical application
Figure 3. Typical application schematic - adjustable version
Figure 4. Typical application schematic - fixed VOUT version
Note:
1
R1 and R2 are calculated according to the following formula: R1 = R2 x (VOUT/VADJ-1).
2CIN and COUT are optional.
AM09360v1
OUT
GND
IN
EN
ADJ
ON
OFF
CIN
R1
R2
COUT
LDCL015
AM09361v1
OUT
GND
IN
EN
COUT
ON
OFF
CIN
COUT
LDCL015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com