Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSTK503 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ATSTK503
Description  STK503 User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATSTK503 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ATSTK503 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 13Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
6.
Start AVR Studio. On the Tools menu, select "Program AVR/ Connect..."
You are now ready to program the device. For more information on how to use
the programming dialog, see the Frontend software section in the STK500 user
guide.
STK503 Clock Sources
The ATmega2560 and its like have two clock inputs; XTAL and TOSC. Two
switches on the STK503 selects what is connected to these two inputs.
Figure 5-1: The clock selection switches XTAL and TOSC
The XTAL switch
A clock source connected to the XTAL clock input is used to drive the internal
chip clock. The source can be a crystal, a resonator or an external clock signal.
The XTAL switch sitting on STK503 selects what is connected to the XTAL pins.
STK500 can supply two different clock signals:
•
STK500 can generate a software controlled signal with a maximum
frequency of 3.69MHz
•
A crystal can be placed in the crystal socket.
You select between these two sources with the OSCSEL jumper. This signal is
available on STK503.
The STK503 also has a socket for a crystal. This socket should be used instead
of the one on STK500, at least for high-frequency crystals (>8MHz).
The XTAL switch selects what signal is routed to the XTAL pin on the AVR:
•
The STK500 supplied clock (set the switch to the position indicated by the
text STK500)
•
The crystal socket on STK503 (set the switch to the position nearest the
crystal socket)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com