Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSTK503 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ATSTK503
Description  STK503 User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATSTK503 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ATSTK503 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 13Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 14Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
The TOSC switch
The TOSC inputs can be configured as normal I/O pins, or as input pins for a
low-frequency oscillator that can clock the asynchronous timer. The STK503 has
a 32kHz crystal that can be connected to these pins.
The TOSC switch selects what is connected to the TOSC pins on the AVR:
•
Normal port pins - the TOSC pins are connected to the PORTG connector
(set the switch to the position indicated by the text PORTG)
•
32kHz crystal (set the switch to the position nearest the 32kHz crystal)
The External Memory Interface
The AVRs supported by STK503 can access external memories or peripherals
through its External Memory Interface. This interface consist of PORTA
(multiplexed data and address low byte), PORTC (address high byte), and
PORTG[2:0] (RD, WR and ALE).
SRAM footprint
STK503 has a footprint where an SRAM chip can be mounted. The footprint
takes 128Kx8 SOJ and TSOP packages.
Figure 6-1: The SRAM footprint. The arrow shows pin 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com